Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE Datasheet(PDF) 32 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 28Page - Numonyx B.V M58PR512LE Datasheet HTML 29Page - Numonyx B.V M58PR512LE Datasheet HTML 30Page - Numonyx B.V M58PR512LE Datasheet HTML 31Page - Numonyx B.V M58PR512LE Datasheet HTML 32Page - Numonyx B.V M58PR512LE Datasheet HTML 33Page - Numonyx B.V M58PR512LE Datasheet HTML 34Page - Numonyx B.V M58PR512LE Datasheet HTML 35Page - Numonyx B.V M58PR512LE Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
Command interface
M58PR512LE, M58PR001LE
32/123
4.11
Program/Erase Resume command
The Program/Erase Resume command restarts the program or erase operation suspended
by the Program/Erase Suspend command. One bus write cycle is required to issue the
command. The command can be issued to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank was in read status register, read electronic signature or read CFI query
mode, the bank remains in that mode and outputs the corresponding data.
If a program command is issued during a block erase suspend, then the erase cannot be
resumed until the program operation is complete.
See Appendix C, Figure 26: Program suspend and resume flowchart and pseudocode and
Figure 28: Erase suspend and resume flowchart and pseudocode for flowcharts for using
the Program/Erase Resume command.
4.12
Protection Register Program command
The Protection Register Program command programs the user OTP area of the Protection
Register and the two Protection Register Locks.
The device features 16 OTP areas of 128 bits and one OTP area of 64 bits, as shown in
Figure 6: Protection Register memory map.
The areas are programmed one word at a time. When shipped, all bits in the area are set to
‘1’. Only the user can program the bits to ‘0’.
Two bus write cycles are required to issue the Protection Register Program command.
●
The first bus cycle sets up the Protection Register Program command.
●
The second latches the address and data to be programmed to the Protection Register
and starts the Program/Erase Controller.
Read operations to the bank being programmed output the status register content after the
program operation has started. Attempting to program a previously-protected Protection
Register results in a status register error.
The Protection Register Program cannot be suspended. Dual operations between the EFA
and the Protection Register memory space are not allowed (see Table 20: Dual operation
limitations for details).
The two Protection Register locks are used to protect the OTP areas from further
modification. The protection of the OTP areas is not reversible. Refer to Figure 6: Protection
Register memory map for details on the lock bits.
See Appendix C, Figure 31: Protection Register program flowchart and pseudocode for a
flowchart for using the Protection Register Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com