Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE Datasheet(PDF) 13 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 9Page - Numonyx B.V M58PR512LE Datasheet HTML 10Page - Numonyx B.V M58PR512LE Datasheet HTML 11Page - Numonyx B.V M58PR512LE Datasheet HTML 12Page - Numonyx B.V M58PR512LE Datasheet HTML 13Page - Numonyx B.V M58PR512LE Datasheet HTML 14Page - Numonyx B.V M58PR512LE Datasheet HTML 15Page - Numonyx B.V M58PR512LE Datasheet HTML 16Page - Numonyx B.V M58PR512LE Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
M58PR512LE, M58PR001LE
Description
13/123
Figure 3.
TFBGA107 connections (top view through package)
1.
Ball E4 is A25 in the M58PR0001LE and is not connected internally (NC) in the M58PR512LE.
AI11098d
NC
DQ14
DQ0
A16
WAIT
DQ13
DQ8
H
DQ7
D
C
A17
A22
B
A21
A
8
7
6
5
4
3
2
1
A5
A3
G
F
E
A1
DU
K
A7
A2
A8
NC
A11
NC
A13
DU
9
A4
A12
M
L
K
J
DQ15
VSS
NC
DU
NC
DQ6
NC
DU
DQ12
L
NC
DQ4
DQ10
VSS
VPPF
A18
VSS
DQ11
DQ1
A23
A24
A19
NC
DU
DQ9
A14
NC
A20
VDDF
DQ3
DQ5
DQ2
A6
DU
DU
DU
DU
NC
NC
DU
NC
NC
NC
NC
DPDF
VSS
NC
VSS
NC
VSS
VSS
VDDQ
VDDQ
DU
DU
DU
NC
NC
A9
WPF
A10
A15
NC
RPF
WF
NC
A0
NC
EF
GF
NC
VDDQ
NC
VSS
VDDQ
VDDF
VSS
VSS
VSS
VSS
A25/
NC(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com