Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE Datasheet(PDF) 23 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 23 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 19Page - Numonyx B.V M58PR512LE Datasheet HTML 20Page - Numonyx B.V M58PR512LE Datasheet HTML 21Page - Numonyx B.V M58PR512LE Datasheet HTML 22Page - Numonyx B.V M58PR512LE Datasheet HTML 23Page - Numonyx B.V M58PR512LE Datasheet HTML 24Page - Numonyx B.V M58PR512LE Datasheet HTML 25Page - Numonyx B.V M58PR512LE Datasheet HTML 26Page - Numonyx B.V M58PR512LE Datasheet HTML 27Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 123 page
background image
M58PR512LE, M58PR001LE
Command interface
23/123
4
Command interface
All bus write operations to the memory are interpreted by the command interface.
Commands consist of one or more sequential bus write operations. An internal
Program/Erase Controller handles all timings and verifies the correct execution of the
program and erase commands. The Program/Erase Controller provides a status register,
whose output may be read at any time to monitor the progress or the result of the operation.
The command interface is reset to read mode when power is first applied, when exiting from
Reset, or whenever VDD is lower than VLKO. Command sequences must be followed
precisely. Any invalid combination of commands are ignored.
Refer to Table 6: Command codes, Table 7: Standard commands, Table 8: Factory Program
command for a summary of the command interface.
Table 6.
Command codes
Hex code
Command
01h
Block Lock Confirm and EFA Block Lock Confirm
03h
Set Configuration Register Confirm
04h
Set Enhanced Configuration Register Confirm
20h
Block Erase Setup
24h
EFA Block Erase Setup
2Fh
Block Lock-down Confirm and EFA Block Lock-down Confirm
41h
Program Setup
44h
EFA Program Setup
50h
Clear Status Register
60h
Block Lock Setup, Block Unlock Setup, Block Lock-down Setup, Set Configuration
Register Setup and Enhanced Configuration Register Setup
64h
EFA Block Lock, EFA Block Lock-down, EFA Block Unlock
70h
Read Status Register
80h
Buffer Enhanced Factory Program
90h
Read Electronic Signature
94h
Read EFA
98h
Read CFI query
B0h
Program/Erase Suspend
BCh
Blank Check Setup
C0h
Protection Register Program
D0h
Program/Erase Resume, Block Erase Confirm, Block Unlock Confirm or Buffer
Program Confirm, Buffer Enhanced Factory Program Confirm, Blank Check Confirm,
Unlock EFA Block Confirm, EFA Block Erase Confirm
E9h
Buffer Program
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com