Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M25P10
Description  1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M25P10 Datasheet HTML 6Page - STMicroelectronics M25P10 Datasheet HTML 7Page - STMicroelectronics M25P10 Datasheet HTML 8Page - STMicroelectronics M25P10 Datasheet HTML 9Page - STMicroelectronics M25P10 Datasheet HTML 10Page - STMicroelectronics M25P10 Datasheet HTML 11Page - STMicroelectronics M25P10 Datasheet HTML 12Page - STMicroelectronics M25P10 Datasheet HTML 13Page - STMicroelectronics M25P10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
M25P10
10/21
the device once the Hardware Protected Mode is
entered.
The timing sequence is shown in Figure 10.
Sector Erase (SE)
Prior to any Sector Erase attempt, a write enable
instruction (WREN) must have been previously
sent (the S input driven low, WREN instruction
properly transmitted and the S input driven high).
After the WREN instruction decoding, the memory
sets the Write Enable Latch (WEL) which allows
the execution of any further Sector Erase. The
Sector Erase instruction is entered by driving the
Chip select input (S) low, followed by the
instruction byte and 3 address bytes on Data In
input (D). Any address of the Sector (see Table 4)
is a valid address for the Sector Erase instruction.
The Chip Select input (S) must be driven low for
the entire duration of the sequence. The device
must be deselected just after the eighth bit of the
last address byte has been latched in. If not, the
Sector Erase instruction is not executed. As soon
as the device is deselected, the self-timed Sector
Erase cycle (tSE) is initiated. While the Sector
Erase cycle is in progress, the status register may
be read to check the WIP bit value. WIP is high
during the self-timed Sector Erase cycle and is low
when
it
is
completed.
When
the
cycle
is
completed, the write enable latch (WEL) is reset.
A Sector Erase instruction applied to a Sector
which is software protected by the BPi bits (see
Table 4 and Table 5) is not initiated.
The timing sequence is shown in Figure 13.
Bulk Erase (BE)
Prior to any Bulk Erase attempt, a write enable
instruction (WREN) must have been previously
sent (the S input driven low, WREN instruction
properly transmitted and the S input driven high).
After the WREN instruction decoding, the memory
Figure 13. SE: Sector Erase Sequence
Note: 1. Address bits A23 to A17 are Don’t Care on the M25P10 series.
24 BIT ADDRESS
C
D
AI03751
S
2
1
3456789
29 30 31
INSTRUCTION
0
23 22
2
0
1
MSB
Figure 14. BE: Bulk Erase Sequence
C
D
AI03752
S
2
1
34567
0
INSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com