Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M25P10
Description  1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M25P10 Datasheet HTML 8Page - STMicroelectronics M25P10 Datasheet HTML 9Page - STMicroelectronics M25P10 Datasheet HTML 10Page - STMicroelectronics M25P10 Datasheet HTML 11Page - STMicroelectronics M25P10 Datasheet HTML 12Page - STMicroelectronics M25P10 Datasheet HTML 13Page - STMicroelectronics M25P10 Datasheet HTML 14Page - STMicroelectronics M25P10 Datasheet HTML 15Page - STMicroelectronics M25P10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
M25P10
12/21
mode. At the same time, the RES instruction
provides the Electronic Signature of the device on
the Q output pin. At power down, the Deep Down
Mode is automatically discarded. This causes the
device to always wake up in the Standby Power
Mode state after power-on.
The DP instruction is entered by driving the Chip
select input (S) low, followed by the instruction
byte on Data In input (D). The Chip Select input (S)
must be driven low for the entire duration of the
sequence. The device must be deselected just
after the eighth bit of the instruction byte has been
latched in. If not, the DP instruction is not
executed. As soon as the device is deselected, it
requires tDP to enter the Deep Power Down Mode
where standby current is reduced to ICC2.
The timing sequence is shown in Figure 15.
Release from Deep Power Down Mode and
Read Electronic Signature (RES)
Once the device has entered the Deep Power
Down Mode, all instructions are ignored except the
RES instruction which releases the part from this
mode. At the same time, the RES instruction
provides the Electronic Signature of the device on
the Q output pin. Except during an Erase, Program
cycle or Write Status register, the RES instruction
always
provides
access
to
the
Electronic
Signature of the device and can be applied even if
the Deep Power Down Mode has not been
entered. Any RES attempt during an Erase,
Program cycle or Write Status register, will be
rejected and will deselect the chip without having
any effects on the ongoing Erase, Program cycle
or Write Status Register.
The device is first selected by putting S low. The
RES instruction byte is followed by a dummy three
bytes address (A23-A0), each bit being latched-in
on Data In input (D) during the rising edge of the
clock (C). Then, the Electronic Signature stored in
the memory is shifted out on the Q output pin,
each bit being shifted out during the falling edge of
the clock (C). It is possible to continuously read the
Electronic Signature value. The RES operation is
terminated by deselecting the chip after the
Electronic Signature has been read at least one
time (see Figure 16). At this step, the device is
immediately put again in the Standby Power Mode
state. It waits for a select condition and is able to
receive, decode and execute all instructions.
Deselecting the device after the 8 bits RES
instruction has been sent but before the LSB of the
Electronic Signature has been read, will insure the
Deep Power Down Mode to be released but will
generate a delay (tRES) before the device is put in
Standby Power Mode state (see Figure 17) and S
must remain high for at least tRES max value (see
Table 13).
POWER ON STATE
At Power-up, the device must not be selected (that
is the S input must follow the voltage supplied on
the VCC pin) until the supply voltage reaches the
minimum VCC value (2.7 V). Once VCC has
reached the minimum operating voltage (2.7 V),
the Chip Select input pin (S) must remain high for
a time higher than tVSL min (See Table 8).
After a Power up, the memory is in the following
state:
Figure 17. RES: Release from Deep Power Down Mode Sequence
C
D
AI03754
S
2
1
34567
0
tRES
Stand-by Power Down Mode
Deep Power Down Mode
Q
HIGH IMPEDANCE
INSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com