Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M25P10
Description  1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M25P10 Datasheet HTML 13Page - STMicroelectronics M25P10 Datasheet HTML 14Page - STMicroelectronics M25P10 Datasheet HTML 15Page - STMicroelectronics M25P10 Datasheet HTML 16Page - STMicroelectronics M25P10 Datasheet HTML 17Page - STMicroelectronics M25P10 Datasheet HTML 18Page - STMicroelectronics M25P10 Datasheet HTML 19Page - STMicroelectronics M25P10 Datasheet HTML 20Page - STMicroelectronics M25P10 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
M25P10
Table 14. Ordering Information Scheme
Example:
M25P10
–V
MW
6
T
Memory Capacity
Option
10
1 Mbit (128K x 8)
T
Tape and Reel Packing
Temperature Range
6
–40 °C to 85 °C
Operating Voltage
Package
V
2.7 V to 3.6 V
MN
SO8 (150 mil width)
MW
SO8 (200 mil width)
ORDERING INFORMATION
The notation used for the device number is as
shown in Table 14. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com