Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M25P10
Description  1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M25P10 Datasheet HTML 10Page - STMicroelectronics M25P10 Datasheet HTML 11Page - STMicroelectronics M25P10 Datasheet HTML 12Page - STMicroelectronics M25P10 Datasheet HTML 13Page - STMicroelectronics M25P10 Datasheet HTML 14Page - STMicroelectronics M25P10 Datasheet HTML 15Page - STMicroelectronics M25P10 Datasheet HTML 16Page - STMicroelectronics M25P10 Datasheet HTML 17Page - STMicroelectronics M25P10 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
M25P10
14/21
Table 10. DC Characteristics
(TA = –40 to 85 °C; VCC = 2.7 to 3.6 V)
Table 11. Input Parameters1 (TA = 25 °C, f = 20 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Stand-by mode Current
S = VCC, VIN = VSS or VCC
50
µA
ICC2
Deep Power Down Current
S = VCC, VIN = VSS or VCC
5µA
ICC3
Operating Current (READ)
C = 0.1VCC / 0.9.VCC at 20 MHz,
Q = open
3mA
ICC4
Operating Current (PP)
S = VCC
15
mA
ICC5
Operating Current (WRSR)
S = VCC
15
mA
ICC6
Operating Current (SE)
S = VCC
15
mA
ICC7
Operating Current (BE)
S = VCC
15
mA
VIL
Input Low Voltage
– 0.6
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = –100
µAVCC–0.2
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (Q)
8
pF
CIN
Input Capacitance (other pins)
6
pF
Table 12. AC Measurement Conditions
Note: 1. Output Hi-Z is defined as the point where data out is no
longer driven.
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Output Load
CL = 30 pF
Figure 18. AC Testing Input Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com