Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M25P10
Description  1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M25P10 Datasheet HTML 11Page - STMicroelectronics M25P10 Datasheet HTML 12Page - STMicroelectronics M25P10 Datasheet HTML 13Page - STMicroelectronics M25P10 Datasheet HTML 14Page - STMicroelectronics M25P10 Datasheet HTML 15Page - STMicroelectronics M25P10 Datasheet HTML 16Page - STMicroelectronics M25P10 Datasheet HTML 17Page - STMicroelectronics M25P10 Datasheet HTML 18Page - STMicroelectronics M25P10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
M25P10
Table 13. AC Characteristics
Note: 1. tCH + tCL ≥ 1 / fC.
2. Value guaranteed by characterization, not 100% tested in production. These parameters are specified with an output load
capacitance of 30 pF.
Symbol
Alt.
Parameter
M25P10
Unit
VCC=2.7 to 3.6 V
TA=–40 to 85°C
Min
Max
fC
fC
Clock Frequency
D.C.
20
MHz
tSLCH
tCSS
S Active Setup Time (relative to C)
10
ns
tCHSL
S Not Active Hold Time (relative to C)
10
ns
tCH
1
tCLH
Clock High Time
22
ns
tCL
1
tCLL
Clock Low Time
22
ns
tDVCH
tDSU
Data In Setup Time
5
ns
tCHDX
tDH
Data In Hold Time
5
ns
tCHSH
S Active Hold Time (relative to C)
10
ns
tSHCH
S Not Active Setup Time (relative to C)
10
ns
tSHSL
tCSH
S Deselect Time
50
ns
tSHQZ
2
tDIS
Output Disable Time
20
ns
tCLQV
tV
Clock Low to Output Valid
20
ns
tCLQX
tHO
Output Hold Time
0
ns
tHLCH
HOLD Setup Time (relative to C)
10
ns
tCHHH
HOLD Hold Time (relative to C)
10
ns
tHHCH
HOLD Setup Time (relative to C)
10
ns
tCHHL
HOLD Hold Time (relative to C)
10
ns
tHHQX
2
tLZ
HOLD to Output Low-Z
20
ns
tHLQZ
2
tHZ
HOLD to Output High-Z
20
ns
tDP
2
S High to Deep Power Down Mode
1.6
µs
tRES
2
S High to Stand-by Power Mode
1.6
µs
tW
Write Status Register Cycle Time
5
ms
tPP
Page Program Cycle Time
5
ms
tSE
Sector Erase Cycle Time
2
s
tBE
Bulk Erase Cycle Time
4
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com