Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 19Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 20Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 21Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 22Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
19
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
9.
Electrical Characteristics
9.1
Static Characteristics
Note:
1. Nominal voltages; see Table 6-3 on page 11 for recommended operating conditions.
2. For processor bus signals, the reference is OV
DD while L2OVDD is the reference for the L2 bus signals.
3. Excludes factory test signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OV
DD and L2OVDD, or both OVDD and L2OVDD must vary in the same direction (for
example, both OVDD and L2OVDD vary by either +5% or -5%).
6. Measured at max OVDD/L2OVDD.
7. Excludes IEEE 1149.1 boundary scan (JTAG) signals.
Table 9-1.
DC Electrical Specifications (see Table 6-3 on page 11 for Recommended Operating Conditions)
Symbol
Characteristic
Nominal Bus
Voltage(1)
Min
Max
Unit
V
IH
Input high voltage
(all inputs except SYSCLK)(2)(3)(8)
1.8
0.65 x (L2)OV
DD
(L2)OV
DD + 0.2
V
VIH
2.5
1.7
(L2)OVDD + 0.2
VIH
3.3
2.0
OVDD + 0.3
V
IL
Input low voltage
(all inputs except SYSCLK)(8)
1.8
-0.3
0.35 x (L2)OV
DD
V
VIL
2.5
-0.3
0.2 x (L2)OVDD
VIL
3.3
-0.3
0.8
CV
IH
SYSCLK input high voltage(2)(8)
1.8
1.5
OV
DD + 0.2
V
CVIH
2.5
2.0
OVDD + 0.2
CVIH
3.3
2.4
OVDD + 0.3
CV
IL
SYSCLK input low voltage(8)
1.8
-0.3
0.2
V
CVIL
2.5
-0.3
0.4
CVIL
3.3
-0.3
0.4
I
IN
Input leakage current,
V
IN = L2OVDD/OVDD
(2)(3)(6)(7)
1.8
–
20
µA
IIN
2.5
–
35
I
IN
3.3
–
70
I
TSI
High-Z (off-state) leakage current,
V
IN = L2OVDD/OVDD
(2)(3)(5)(7)
1.8
–
20
µA
ITSI
2.5
–
35
I
TSI
3.3
–
70
V
OH
Output high voltage, IOH = -5 mA
(8)
1.8
(L2)OV
DD - 0.45
–
V
VOH
2.5
1.7
–
V
OH
3.3
2.4
–
V
OL
Output low voltage, IOL = 5 mA
(8)
1.8
–
0.45
V
VOL
2.5
–
0.4
V
OL
3.3
–
0.4
C
IN
Capacitance, V
IN = 0V, f = 1 MHz
(3)(4)(7)
–6.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com