Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 49Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 50Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 51Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 52Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 53Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 54Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 55Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 56Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 57Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
53
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
17. Document Revision History
Table 17-1 provides a revision history for this hardware specification.
Table 17-1.
Document Revision History
Rev. No
Date
Substantive Change(s)
F
01/07
Name change from Atmel to e2v
E
10/2004
Table 8-1 on page 18: Changed note 1 to specify that OVDD and L2OVDD power is typically < 5% of VDD power
Figure 12-5 on page 37: revised diagram and dimensions to specify ‘cap regions’ versus individual cap
measurements. Moved individual capacitor placement to separate figure
Figure 12-6 on page 38: Added this figure to show each individual capacitor placement and value
Figure 14-5 on page 47: updated COP Connector Diagram to recommend a weak pull-up resistor on TCK
Table 9-1 on page 19: Changed measurement test condition IOH from -6mA to -5 mA for VOH and IOL from 6
mA to 5 mA for VOL per product bulletin
“PLL and DLL Power Supply Filtering” on page 43: revised text regarding AV
DD filter selection for the CBGA
package
Product specification release subsequent to product qualification
Motorola changed to Freescale
D
02/2004
Figure 12-5 on page 37: added package capacitor values
Section "Thermal Management Assistant": deleted
Section “Pull-up Resistor Requirements” on page 47: added recommendation that strong pull-up/down
resistors be used on the PLL_CFG[0:3] signals
Table 9-3 on page 21: removed mode input setup and hold times. These inputs adhere to the general input
setup and hold specifications
Figure 9-4 on page 24: revised mode input diagram to show sample points around HRESET negation
Figure 14-6 on page 50: added note 6 to emphasize that COP emulator and target board need to be able to
drive HRESET and TRST independently to the CPU
Section “PLL and DLL Power Supply Filtering” on page 43: revised section for HCTE package. Added text and
figure for AV
DD filter for the CBGA package
Section “Pull-up Resistor Requirements” on page 47: removed AACK, TEA, and TS from control signals
requiring pull-ups. Removed TBST from snooped transfer attribute list. TBST is an output and is not snooped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com