Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 45Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 46Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 47Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 48Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 49Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 50Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 51Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 52Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
49
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
The COP header shown in Figure 14-6 on page 50 adds many benefits — breakpoints, watchpoints, reg-
ister and memory examination/modification, and other standard debugger features are possible through
this interface — and can be as inexpensive as an unpopulated footprint for a header to be added when
needed.
The COP interface has a standard header for connection to the target system, based on the 0.025"
square-post 0.100" centered header assembly (often called a Berg header). The connector typically has
pin 14 removed as a connector key.
There is no standardized way to number the COP header shown in Figure 14-6; consequently, many dif-
ferent pin numbers have been observed from emulator vendors. Some are numbered top-to-bottom then
left-to-right, while others use left-to-right then top-to-bottom, while still others number the pins counter
clockwise from pin 1 (as with an IC). Regardless of the numbering, the signal placement recommended
in Figure 14-6 is common to all known emulators.
The QACK signal shown in Figure 14-6 is usually connected to the PCI bridge chip in a system and is an
input to the PC7410 informing it that it can go into the quiescent state. Under normal operation this
occurs during a low-power mode selection. In order for COP to work, the PC7410 must see this signal
asserted (pulled down). While shown on the COP header, not all emulator products drive this signal. If
the product does not, a pull-down resistor can be populated to assert this signal. Additionally, some emu-
lator products implement open-drain type outputs and can only drive QACK asserted; for these tools, a
pull-up resistor can be implemented to ensure this signal is deasserted when it is not being driven by the
tool. Note that the pull-up and pull-down resistors on the QACK signal are mutually exclusive and it is
never necessary to populate both in a system. To preserve correct power-down operation, QACK should
be merged via logic so that it also can be driven by the PCI bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com