Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PC7410 Datasheet HTML 1Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 2Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 3Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 4Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 5Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Visit our website: www.e2v.com
for the latest version of the datasheet
e2v semiconductors SAS 2007
PC7410
PowerPC 7410 RISC Microprocessor
Datasheet
Features
• 22.8 SPECint95 (estimated), 17SPECfp95 at 500 MHz (estimated)
• 917MIPS at 500 MHz
• Selectable Bus Clock (14 CPU Bus Dividers Up To 9x)
• Seven Selectable Core-to-L2 Frequency Divisors
• Selectable 603 Interface Voltage Below 3.3V (1.8V, 2.5V)
• Selectable L2 interface of 1.8V or 2.5V
• P
D Typical 5.3W at 500 MHz, Full Operating Conditions
• Nap, Doze and Sleep Modes for Power Saving
• Superscalar (Four Instructions fetched per Clock Cycle)
• 4 GB Direct Addressing Range
• Virtual Memory: 4 hexabytes (252)
• 64-bit Data and 32-bit Address Bus Interface
• 32 KB Instruction and Data Cache
• Eight Independent Execution Units and Three Register Files
• Write-back and Write-through Operations
• f
INT Max = 450 MHz 500 MHz
• f
BUS Max = 133 MHz
Description
The PC7410 is the second microprocessor that uses the fourth (G4) full implementation of the PowerPC Reduced Instruc-
tion Set Computer (RISC) architecture. It is fully JTAG-compliant.
The PC7410 maintains some of the characteristics of G3 microprocessors:
• The design is superscalar, capable of issuing three instructions per clock cycle into eight independent execution units
• The microprocessor provides four software controllable power-saving modes and a thermal assist unit management
• The microprocessor has separate 32-Kbyte, physically-addressed instruction and data caches with dedicated L2 cache
interface with on-chip L2 tags
In addition, the PC7410 integrates full hardware-based multiprocessing capability, including a 5-state cache coherency pro-
tocol (4 MESI states plus a fifth state for shared intervention) and an implementation of the new AltiVec
® technology
instruction set.
New features have been developed to make latency equal for double-precision and single-precision floating-point opera-
tions involving multiplication. Additionally, in memory subsystem (MSS) bandwidth, the PC7410 offers an optional, high-
bandwidth MPX bus interface.
Unlike the PC7400, the PC7410 does not support the 3.3V I/O on the L2 cache interface.


Similar Part No. - PC7410

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7410MGHU400L ATMEL-PC7410MGHU400L Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7410MGHU400N ATMEL-PC7410MGHU400N Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7410MGHU450L ATMEL-PC7410MGHU450L Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7410MGHU450N ATMEL-PC7410MGHU450N Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
More results

Similar Description - PC7410

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
PowerPC 755/745 RISC Microprocessor
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
NXP Semiconductors
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com