Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7410 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 23Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 24Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 25Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 26Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 29Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 30Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
27
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Note:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of
the input L2SYNC_IN (see Figure 9-6). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the sig-
nal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (see
Figure 9-8 on page 28).
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous burst
RAMs, L2CR[14:15] = 00 is recommended. For pipelined late-write synchronous burst SRAMs, L2CR[14:15] = 10 is
recommended.
Figure 9-6.
L2 Bus Input Timing Diagram
Note:
VM = Midpoint Voltage (L2OVDD/2)
tL2CHOV
(3)(4)
Valid Times
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
2.5
2.5
2.9
3.5
ns
tL2CHOX
(3)
Output Hold Times
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
0.4
0.8
1.2
1.6
ns
tL2CHOZ
L2SYNC_IN to high impedance
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
2.0
2.5
3.0
3.5
ns
Table 9-5.
L2 Bus Interface AC Timing Specifications at V
DD = AVDD = L2AVDD = 1.8V ± 100mV or 1.5V ± 50mV ;
-55°C
≤T
J ≤125°C, L2OVDD = 2.5V ± 100mV or L2OVDD = 1.8V ± 100mV (Continued)
Symbol
Parameter
400, 450, 500 MHz
Unit
Min
Max
L2SYNC_IN
L2 Data and Data
Parity Inputs
tL2CR
tL2CF
tDVL2CH
tDXL2CH
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com