Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12H02TS Datasheet(PDF) 3 Page - A POWER MICROELECTRONICS

Part # AP12H02TS
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12H02TS Datasheet(HTML) 3 Page - A POWER MICROELECTRONICS

  AP12H02TS Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP12H02TS
20V N+N-Channel Enhancement Mode MOSFET
AP12H02TS Rve:3.8
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
20
40
60
80
012
3456
V DS , Drain-to-Source Voltage (V)
T C =25
o C
5.0V
4.5V
3.5V
2.5V
V G = 2.0V
0
10
20
30
40
50
012
34
V DS , Drain-to-Source Voltage (V)
5.0V
4.5V
3.5V
2.5V
V G = 2.0V
T C = 150
o C
8
10
12
14
16
18
123
456
V GS , Gate-to-Source Voltage (V)
I D =12A
T C =25
o C
0.4
0.8
1.2
1.6
2.0
2.4
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =20 A
V G = 4.5 V
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
.
永源微電子科技有限公司



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com