Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12H02TS Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP12H02TS
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12H02TS Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP12H02TS Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP12H02TS
20V N+N-Channel Enhancement Mode MOSFET
AP12H02TS Rve:3.8
Description
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
V
ID@TC=25
℃
Drain Current, VGS @ 4.5V
12
A
ID@TC=100
℃
Drain Current, VGS @ 4.5V
7
A
ID@TA=25
℃
Drain Current, VGS @ 4.5V3
10
A
ID@TA=70
℃
Drain Current, VGS @ 4.5V3
8.5
A
IDM
Pulsed Drain Current1
80
A
PD@TC=25
℃
Total Power Dissipation
15.6
W
PD@TA=25
℃
Total Power Dissipation3
5
W
EAS
Single Pulse Avalanche Energy4
7.2
mJ
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Rthj-c
Maximum Thermal Resistance, Junction-case
8
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient3
25
℃/W
The AP12H02TS uses advanced trench
technology to provide excellent RDS(ON) and low gate
charge . The complementary MOSFETs may be used to
form a level shifted high side switch, and for a host of other
applications
General Features
N-Channel
VDS = 20V,ID =12A
RDS(ON) < 12.5mΩ@ VGS=4.5V
N-Channel
VDS = 20V,ID =12A
RDS(ON) < 12.5mΩ@ VGS=4.5V
High power and current handing capability
Lead free product is acquired
Surface mount package
Application
● Power switching application
● Hard Switched and High Frequency Circuits
● Uninterruptible Power Supply
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
永源微電子科技有限公司
±1
2


Similar Part No. - AP12H02TS

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP12 JUNIPER-AP12 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
logo
Sensata Technologies, I...
AP12 SENSATA-AP12 Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
logo
Juniper Networks, Inc.
AP12 JUNIPER-AP12 Datasheet
1Mb / 8P
AP12 ACCESS POINT DATASHEET
logo
Sensata Technologies, I...
AP12-1-51-203-FM SENSATA-AP12-1-51-203-FM Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
logo
Anachip Corp
AP1202 ANACHIP-AP1202 Datasheet
765Kb / 11P
Dual USB High-Side Power Switch
Rev. 0.4 Feb.10, 2004
More results

Similar Description - AP12H02TS

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com