Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12H02TS Datasheet (PDF) - A POWER MICROELECTRONICS

AP12H02TS Datasheet PDF - A POWER MICROELECTRONICS
Part # AP12H02TS
Download  AP12H02TS Download
File Size   848.56 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NN-Channel Enhancement Mode MOSFET

AP12H02TS Datasheet (PDF)

Go To PDF Page Download Datasheet
AP12H02TS Datasheet PDF - A POWER MICROELECTRONICS

Part # AP12H02TS
Download  AP12H02TS Click to download

File Size   848.56 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description 20V NN-Channel Enhancement Mode MOSFET

AP12H02TS Datasheet (HTML) - A POWER MICROELECTRONICS


AP12H02TS Product details

Features
- N-Channel
- VDS = 20V,ID =12A
- RDS(ON) < 12.5mΩ@ VGS=4.5V
- High power and current handing capability
- Lead free product is acquired
- Surface mount package

Applications
- ● Hard Switched and High Frequency Circuits
- ● Uninterruptible Power Supply
- Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
- 永源微電子科技有限公司
- ±12




Similar Part No. - AP12H02TS

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
AP12 JUNIPER-AP12 Datasheet
2Mb / 9P
AP34 ACCESS POINT DATASHEET
Oct 2023
logo
Sensata Technologies, I...
AP12 SENSATA-AP12 Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
logo
Juniper Networks, Inc.
AP12 JUNIPER-AP12 Datasheet
1Mb / 8P
AP12 ACCESS POINT DATASHEET
logo
Sensata Technologies, I...
AP12-1-51-203-FM SENSATA-AP12-1-51-203-FM Datasheet
605Kb / 12P
HYDRAULIC MAGNETIC CIRCUIT PROTECTORS
Rev 01/17/2020
logo
Anachip Corp
AP1202 ANACHIP-AP1202 Datasheet
765Kb / 11P
Dual USB High-Side Power Switch
Rev. 0.4 Feb.10, 2004
More results


Similar Description - AP12H02TS

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW12H02TS YFWDIODE-YFW12H02TS Datasheet
1Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-14TS YFWDIODE-YFW8205A-14TS Datasheet
2Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205A-21TS YFWDIODE-YFW8205A-21TS Datasheet
3Mb / 6P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8205LI YFWDIODE-YFW8205LI Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8808CF YFWDIODE-YFW8808CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8809CF YFWDIODE-YFW8809CF Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8810E-11TS YFWDIODE-YFW8810E-11TS Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8814LI YFWDIODE-YFW8814LI Datasheet
2Mb / 7P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9926S YFWDIODE-YFW9926S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW9928S YFWDIODE-YFW9928S Datasheet
1Mb / 5P
20V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com