Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12H02TS Datasheet(PDF) 4 Page - A POWER MICROELECTRONICS

Part # AP12H02TS
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12H02TS Datasheet(HTML) 4 Page - A POWER MICROELECTRONICS

  AP12H02TS Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP12H02TS
20V N+N-Channel Enhancement Mode MOSFET
AP12H02TS Rve:3.8
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
t
T
0.02
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
10us
100us
1ms
10ms
DC
0
2
4
6
8
0
8
16
24
32
Q G , Total Gate Charge (nC)
I D =20 A
V DS =10V
0
400
800
1200
1600
2000
2400
1
5
9
13
17
21
25
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
8
16
24
32
012
34
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
T j = -55
o C
Operation in this area
limited by RDS(ON)
Q
VG
4.5V
QGS
QGD
QG
Charge
.
永源微電子科技有限公司



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com