Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP12H02TS Datasheet(PDF) 6 Page - A POWER MICROELECTRONICS

Part # AP12H02TS
Description  20V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP12H02TS Datasheet(HTML) 6 Page - A POWER MICROELECTRONICS

  AP12H02TS Datasheet HTML 1Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 2Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 3Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 4Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 5Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 6Page - A POWER MICROELECTRONICS AP12H02TS Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP12H02TS
20V N+N-Channel Enhancement Mode MOSFET
AP12H02TS Rve:3.8
Reflow Soldering
The choice of heating method may be influenced by plastic QFP package). If infrared or vapor phase heating is used
and the package is not absolutely dry (less than 0.1% moisture content by weight), vaporization of the small amount of
moisture in them can cause cracking of the plastic body. Preheating is necessary to dry the paste and evaporate the
binding agent. Preheating duration: 45 minutes at 45 °C.
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the
printed-circuit board by screen printing, stenciling or pressure-syringe dispensing before package placement. Several
methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput
times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method.
Typical reflow peak temperatures range from 215 to 270 °C depending on solder paste material. The top-surface
temperature of the packages should preferable be kept below 245 °C for thick/large packages (packages with a
thickness 2.5 mm or with a volume 350 mm3 so called thick/large packages). The top-surface temperature of the
packages should preferable be kept below 260 °C for thin/small packages (packages with a thickness < 2.5 mm and a
volume < 350 mm3 so called thin/small packages).
Stage
Condition
Duration
1’st Ram Up Rate
max3.0+/-2 /sec
-
Preheat
150 ~200
60~180 sec
2’nd Ram Up
max3.0+/-2 /sec
-
Solder Joint
217
above
60~150 sec
Peak Temp
260 +0/-5
20~40 sec
Ram Down rate
6 /sec max
-
Wave Soldering:
Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a
high component density, as solder bridging and non-wetting can present major problems.
Manual Soldering:
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron
applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 °C. When using a dedicated
tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 °C.
永源微電子科技有限公司



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com