Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSW003 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSSW003
Description  14 Talking Clock/Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSW003 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSSW003 Datasheet HTML 1Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 2Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 3Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 4Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 5Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 6Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 7Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9/17
PID249** 04/96
MSSW003
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MOSEL-VITELIC
INC @ 1996
MSM9203-
V1M1 SN:
HOUR
MIN
TALK
MODE
EC B
VDD
GND
BZ
SPK
1 2
6
11
15 16
COM2
PM/AL
G2/A2
COM1
CHM/ALM
C3/B3
0
2 cm
1
COB Informations
Legend
Copper pad for X'tal
Copper pad for LCD
Copper pad for LCD
Through hole
Alignment hole
Standing hole
8050
X'tal
32.768 KHz
MOSEL VITELIC INC.
Preliminary



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com