Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSW003 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # MSSW003
Description  14 Talking Clock/Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSW003 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  MSSW003 Datasheet HTML 1Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 2Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 3Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 4Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 5Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 6Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 7Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
11/17
PID249** 04/96
MSSW003
Specifications subject to change without notice, contact your sales representatives for the most recent information.
4
5
6
7
8
9
10
3
2130
29
28
27
26
25
24
23
22
21
19
18
17
11
14 15 16
13
12
20
E4/F4
C3/B3
G3/A3D3
E3/F3
D4/COL
C1/ADEG1
D2/B1
E2/F2
G2/A2
C2/B2
G4/A4
C4/B4
CHM/ALM
COM1
COM1
CHM/ALM
PM/AL
COM2
COM2
VEE
C1
X2
X1
COUT
VDD
V2
V1
T1
HOUR
HOUR
MIN
VSS
D1
R1
VSS
VDD
VSS
MSSW003
L
C
D
M
O
D
U
L
E
32768Hz
R2
Buzzer
The number referred is pad number.
Current time
Voice
Current time
Key
Voice
Current time
Voice
Current time
Talk key
Voice
Current time
Key
Voice
V.b. Alarm function (conditions as V.a.)
V.c. Key (mode or HR or MN) at Alarm (conditions as V.a.)
VI.a. Chime function : (conditions : Alarm OFF, Chime ON)
VI.b. Talk at Chime (conditions as VI.a)
VI.c. Key (Mode or HR or MN) at Chime (conditions as VI.a)
Application Circuits
+
11:29
11:30
11:31
Sentence 2
Sentence 2
Sentence 2
11:29
11:30
11:31
Sentence 2
Sent. 2
XX:59
XY:00
XY:01
XY:01
XY:00
XX:59
XX:59
XY:00
XY:01
Sentence 1
Sentence 1
Sent. 1
Sentence 1
Preliminary
MOSEL VITELIC INC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com