Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSW003 Datasheet (PDF) - Mosel Vitelic, Corp

MSSW003 Datasheet PDF - Mosel Vitelic, Corp
Part # MSSW003
Download  MSSW003 Download
File Size   92.5 Kbytes
Page   8 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 14 Talking Clock/Watch

MSSW003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSSW003 Datasheet PDF - Mosel Vitelic, Corp

Part # MSSW003
Download  MSSW003 Click to download

File Size   92.5 Kbytes
Page   8 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 14 Talking Clock/Watch

MSSW003 Datasheet (HTML) - Mosel Vitelic, Corp


MSSW003 Product details

General Description
The Mosel SW003 is a monolithic CMOS LSI intelligent chip that is dedicated for clock/watch application with time announcing & alarm warning. 10 sentences are built-in for report and adjusting time and alarm. 3 1/2 digits LCD with 3 information flags are interfaced. With Mosel Editing system, every human language can be defined by user when manuafacturing.

Features
■ Single power can operate at 3.0V or 4.5V (LCD dependent)
■ 3 1/2 gidits LCD display with 5 information flags, in 1/2 duty 1/2 bias. They are colon, PM, CHM, ALM, AL.
■ 4 operation modes and easily operating : Regular mode, current time adjust mode, Alarm time adjust mode, Chime on/off & alarm on/off mode.
■ The voice content is stored up to 14.5 seconds at 6 KHz (15400h) and can be separated up to 64 sections.
■ The length of each section can be different and is multiples of 100h.
■ The length of a section with mute could be up to 8000h.
■ Report current time by each TALK key trigger, except in Alarm mode.
■ Current time display at regular mode.
■ Set alarm function on/off by setting ALM flag on/off.
■ Report Alarm on/off status and display.
■ Report Chime on/off status and display.
■ Setting current time the dsiplay in flashing.
■ Alarm time will report at every setting.
■ Report Alarm sound with time when alarm time is due.
■ Setting alarm time in hour and minute.
■ PM flag displayed at 12 HR format after 12:00.
■ 12/24 HR format selectable by pressing HOUR key when in regular mode.
■ Two independent chime sentence groups for 12 & 24 HR chime modes. A group has 24 chime sentences for 24 HR chime mode. The other group has 12 sentences.
■ Based on the 32768 Hz quartz crystal.
■ Current output can drive 8 ohm speaker with a transistor. Vout can drive buzzer directly.
■ Hour and minute digit adjustable individually by pressing HR and MN key and can be repeat in fast mode.
■ Time rolling reading in 1 Hz flash on two colon dots.
■ Automatic ramp up and ramp down.
■ Power on reset automatically.
■ Automatic power down.
■ Reset to regular mode when in other mode without any key input for 20 - 40 seconds.
■ Voice output frequency can be tuned by external resistor.
■ Mosel standard codes are available.
■ MSM9203 demo board (COB) is provided.




Similar Part No. - MSSW003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Lorlin Electronics Ltd.
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Omega Engineering, Inc.
MSS OMEGA-MSS Datasheet
243Kb / 1P
Snap Strips For Mounting Miniature MPJ Panel Jacks
logo
Schurter Inc.
MSS SCHURTER-MSS Datasheet
979Kb / 8P
Active electronic switch
16.01.2023
More results


Similar Description - MSSW003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8656 HOLTEK-HT8656 Datasheet
646Kb / 11P
Talking Back
5th May 98
HT8665 HOLTEK-HT8665 Datasheet
911Kb / 13P
Talking Back with Echo
21st Dec 95
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
Watch Crysatals
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com