Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSW003 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # MSSW003
Description  14 Talking Clock/Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSW003 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

  MSSW003 Datasheet HTML 1Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 2Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 3Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 4Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 5Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 6Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 7Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Request Form D : Vocabulary & Sentence Definitions
MSSW003
Specifications is subject to change without notice, contact your sales representatives for the most recent information
17/17
PID249** 04/96
T I T L E
SentenceIndex
List of Vocabularies
1
C
1
C
1
C
1
C
1
C
1
C
1
C
1
C
1
C
1
C
2
C
2
C
2
C
2
C
2
C
2
C
2
C
2
C
2
C
2
C
3
C
3
C
3
C
3
C
3
C
3
C
3
C
3
C
3
C
3
C
4
C
4
C
4
C
4
C
4
C
4
C
4
C
4
C
4
C
4
C
5
C
5
C
5
C
5
C
5
C
5
C
5
C
5
C
5
C
5
C
6
C
6
C
6
C
6
C
6
C
6
C
6
C
6
C
6
C
6
C
7
C
7
C
7
C
7
C
7
C
7
C
7
C
7
C
7
C
7
C
8
C
8
C
8
C
8
C
8
C
8
C
8
C
8
C
8
C
8
C
9
C
9
C
9
C
9
C
9
C
9
C
9
C
9
C
9
C
9
C
10
C
10
C
10
C
10
C
10
C
10
C
10
C
10
C
10
C
10
C
11
C
11
C
11
C
11
C
11
C
11
C
11
C
11
C
11
C
11
C
12
C
12
C
12
C
12
C
12
C
12
C
12
C
12
C
12
C
12
C
13
C
13
C
13
C
13
C
13
C
13
C
13
C
13
C
13
C
13
C
14
C
14
C
14
C
14
C
14
C
14
C
14
C
14
C
14
C
14
C
15
C
15
C
15
C
15
C
15
C
15
C
15
C
15
C
15
C
15
C
16
C
16
C
16
C
16
C
16
C
16
C
16
C
16
C
16
C
16
C
Definitions of Sentences
Definitions of Vocabularies
Sentence 1
Current Time
Sentence 2
Alarm is due
Sentence 3
Alarm time you set
Sentence 4
Adjust hour
Sentence 5
Adjust minute
Sentence 6
Set alarm off
Sentence 7
Set alarm on
Sentence 8
Set chime off
Sentence 9
Set chime on
Sentence 10
Mode changed
Vocabulary
Vocabulary
Vocabulary
Address or
Address or
Address or
C0
C1
C2
C3.AM
C3.PM
C4.Sound
C5.RESET
C6.RETURN
C7
C8.CARRY
C9
C10
C11
C12
C13
C14
C15
KeyWord
KeyWord
KeyWord
Hour.Table
Minute.Table
Signature & Date
MVI Sales & Date
Note. C5, C6, C8 all have to have length 800h or longer.
Note
Note
Note
Preliminary
MOSEL VITELIC INC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com