Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSW003 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSSW003
Description  14 Talking Clock/Watch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSSW003 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSSW003 Datasheet HTML 1Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 2Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 3Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 4Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 5Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 6Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 7Page - Mosel Vitelic, Corp MSSW003 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOSEL VITELIC
(1/17)
(PID 249** 04/96)
MSSW003
14" Talking Clock/Watch
April 1996
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MOSEL VITELIC INC.
Features
Single power can operate at 3.0V or 4.5V (LCD
dependent)
3 1/2 gidits LCD display with 5 information flags,
in 1/2 duty 1/2 bias.
They are colon, PM, CHM, ALM, AL.
4 operation modes and easily operating :
Regular mode, current time adjust mode, Alarm
time adjust mode, Chime on/off & alarm on/off
mode.
The voice content is stored up to 14.5 seconds
at 6 KHz (15400h) and can be separated up to
64 sections.
The length of each section can be different and
is multiples of 100h.
The length of a section with mute could be up to
8000h.
Report current time by each TALK key trigger,
except in Alarm mode.
Current time display at regular mode.
Set alarm function on/off by setting ALM flag
on/off.
Report Alarm on/off status and display.
Report Chime on/off status and display.
Setting current time the dsiplay in flashing.
Alarm time will report at every setting.
Report Alarm sound with time when alarm time
is due.
General Description
The Mosel SW003 is a monolithic CMOS LSI intelligent chip that is dedicated for clock/watch application with
time announcing & alarm warning. 10 sentences are built-in for report and adjusting time and alarm. 3 1/2
digits LCD with 3 information flags are interfaced. With Mosel Editing system, every human language can be
defined by user when manuafacturing.
Setting alarm time in hour and minute.
PM flag displayed at 12 HR format after 12:00.
12/24 HR format selectable by pressing HOUR
key when in regular mode.
Two independent chime sentence groups for 12
& 24 HR chime modes. A group has 24 chime
sentences for 24 HR chime mode. The other
group has 12 sentences.
Based on the 32768 Hz quartz crystal.
Current output can drive 8 ohm speaker with a
transistor. Vout can drive buzzer directly.
Hour and minute digit adjustable individually by
pressing HR and MN key and can be repeat in
fast mode.
Time rolling reading in 1 Hz flash on two colon
dots.
Automatic ramp up and ramp down.
Power on reset automatically.
Automatic power down.
Reset to regular mode when in other mode
without any key input for 20 - 40 seconds.
Voice output frequency can be tuned by external
resistor.
Mosel standard codes are available.
MSM9203 demo board (COB) is provided.
Pages 9, 10, 11, 14 through 17 are provided herein. Pages 1 through 8 and 12, 13 are provided by file in DOS
format per request.
Taiwan
#1, Creation Road I,
Science - based Industrial Park,
Hsinchu, 30077
Taiwan, ROC
"taylor_hsiao@ccmail.mosel.com.tw"
TEL: 886-3-5770055
FAX: 886-3-5772788
FAX: 886-3-5784732
Taipei
7F, #102 Sec. 3,
Ming Chung E. Road,
Taipei,105
Taiwan, ROC
TEL: 886-2-5451213
FAX: 886-2-5451214
Hongkong
#19 Dai
Fu Street,
Taipo Industrial Estate,
Taipo, N.T.
Hongkong
TEL: 852-2388-8277(MKO)
TEL: 852-2665-4883
FAX: 852-2664-2406
FAX: 852-2770-8011(MKO)
U.S.A.
#3910 North First Street,
San Jose,
CA. 65134-1501
U.S.A.
TEL: 1-408-433-6000
FAX: 1-408-433-0952


Similar Part No. - MSSW003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MSS MACOM-MSS Datasheet
361Kb / 7P
Slide Switches, Instrumentation Grade
logo
Lorlin Electronics Ltd.
MSS LORLIN-MSS Datasheet
276Kb / 1P
MS2000 ROTARY SWITCH MODULE
logo
Arista Networks, Inc
MSS ARISTA-MSS Datasheet
949Kb / 4P
Arista Networks Multi-Domain Segmentation Services (MSS) For Zero Trust Networking
April 23, 2024
logo
Omega Engineering, Inc.
MSS OMEGA-MSS Datasheet
243Kb / 1P
Snap Strips For Mounting Miniature MPJ Panel Jacks
logo
Phoenix Mecano S.E. Asi...
MSS 11 BOPLA-MSS 11 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MSSW003

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8656 HOLTEK-HT8656 Datasheet
646Kb / 11P
Talking Back
5th May 98
HT8665 HOLTEK-HT8665 Datasheet
911Kb / 13P
Talking Back with Echo
21st Dec 95
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX Datasheet
58Kb / 1P
Watch Crysatals
logo
Advanced Crystal Techno...
ACT1X5 ACT-ACT1X5 Datasheet
82Kb / 1P
Watch Crystal
03-10-07
logo
Golledge Electronics Lt...
GWX GOLLEDGE-GWX_07 Datasheet
53Kb / 1P
Watch Crystals
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
14-Output Clock Generator
REV. A
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Advanced Crystal Techno...
J206SMX ACT-J206SMX Datasheet
179Kb / 2P
Watch crystal
01/02/2017
OJ00003GIHD-PF ACT-OJ00003GIHD-PF Datasheet
134Kb / 1P
Watch crystal
01/02/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com