Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M494 Datasheet HTML 3Page - STMicroelectronics M494 Datasheet HTML 4Page - STMicroelectronics M494 Datasheet HTML 5Page - STMicroelectronics M494 Datasheet HTML 6Page - STMicroelectronics M494 Datasheet HTML 7Page - STMicroelectronics M494 Datasheet HTML 8Page - STMicroelectronics M494 Datasheet HTML 9Page - STMicroelectronics M494 Datasheet HTML 10Page - STMicroelectronics M494 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
D0
D1
D2
D3
D4
DISPLAY
DRIVE
640
µs
(
2ms)
MUX PERIOD
(8ms)
Figure 5
FUNCTIONAL DESCRIPTION (continued)
Display, Keyboard and Data Multiplexing
Logic is integrated on the chip to provide the mul-
tiplexing between the display, keyboard and data
inputs. In the On state and with the Data Hand-
shake pin at logic HI as an input the display and
keyboard are muxed together. See Figure 5. Each
column output goes to logic LO in sequence and
the row inputs are scanned for a key closure. In
chronological order across the total mux. period
there is : initialisation, scan, decision and display
periods.
The Data Handshake pin has a complex logical
function. It has two modes of operation : as a hand
shake I/O line to a
µP and as an output line to the
P to signal that the M494 is in the Off state. In order
to achieve this function careful signal timing is
required both internally and externally to the chip.
See Figure 6. When the device is in the OFF state
the Data Handshake pin is used to signal this
condition to the
µP by being pulled LO.
A1
B1
C1
D1
A2
B2
C2
D2
A3
DATA
DATA
O/I
I/O
O/I
I/O
(EOT = END OF
TRANSMISSION)
K/B AND RC I/P
DISABLED TILL
EOT EXECYTION
DATA
HANDSHAKE
D0 - D4
EOE
(END OF TRANSMISSION)
NOT TO SCALE
DATA HANDSHAKE
PIN CONFIGURATION
t
RTS
t
CTS
t
O/P
t
H
t
CR
t
S
t
j
t
HS
t
CR
t
O/P
t
CTS
Figure 6 : Data-input-timing
N
° Symbol
Parameter
Min.
Typ.
Max.
Unit
1tRTS
Request to Send Pulse (RTS)
5
10
µs
2tCTS
Clear to Send (CTS)
512
µs
3tO/P
Pin Output Configuration
8
ms
4tHS
Handshake Time
12
µs
5tS
Data Set up Time
10
128
µs
6tH
Data Hold Time
128
256
µs
7tJ
Synchronization Jitter
8
ms
8tCR
CTS to next RTS Pulse
98
ms
Note : Oscillator Clock = 500kHz
M494
7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com