Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M494 Datasheet HTML 14Page - STMicroelectronics M494 Datasheet HTML 15Page - STMicroelectronics M494 Datasheet HTML 16Page - STMicroelectronics M494 Datasheet HTML 17Page - STMicroelectronics M494 Datasheet HTML 18Page - STMicroelectronics M494 Datasheet HTML 19Page - STMicroelectronics M494 Datasheet HTML 20Page - STMicroelectronics M494 Datasheet HTML 21Page - STMicroelectronics M494 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
COMMANDS (continued)
MEMORY
ADDRESSING
SET SKIP
FLAG &
STORE
STORE
BEGIN
END
SET SKIP FLAG
AT CURRENT
PROGRAMME ?
CONTINUE ?
Yes
No
STATION
TUNED ?
TIME
UP/DOWN
SELECT
PROGRAMME
(Direct Only)
END
STORE
STATION AT
CURRENT
PROGRAMME ?
Yes
No
Yes
No
No
Yes
THIS DISPLAY FLASHES
AT 5Hz UNTIL A PROGRAMME
SELECTION IS COMPLETED
OR ANY OTHER COMMAND
IS GIVEN
SELECTED PROGRAMME
NO. FLASHES AT 5Hz
FOR 1 SECOND
Figure 12 : Secondary Method for Storing a Station (postselection of program number)
BEGIN
END
Yes
No
SELECT
NUMBER
MEMORY
SEQUENCE
END
KEY PRESENT
FOR DESIRED
PROGRAMME?
UP OR DOWN TO
DESIRED
PROGRAMME
Figure 13 : Program Selection Routine (16 program)
M494
18/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com