Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M494 Datasheet HTML 8Page - STMicroelectronics M494 Datasheet HTML 9Page - STMicroelectronics M494 Datasheet HTML 10Page - STMicroelectronics M494 Datasheet HTML 11Page - STMicroelectronics M494 Datasheet HTML 12Page - STMicroelectronics M494 Datasheet HTML 13Page - STMicroelectronics M494 Datasheet HTML 14Page - STMicroelectronics M494 Datasheet HTML 15Page - STMicroelectronics M494 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Audio Visual Outputs
Two audio visual outputs are provided for automat-
ic selection of a VCR and/or personal computer.
The logic state of the pins depends on the AV option
selected, the program option and the program
number selected according to the truth tables be-
low :
Table 3 : AV Option 1 (16/20 Programs)
Program
AV0
AV1
16/0
15/19
Others
1
0
0
0
1
0
Table 4 : AV Option 2 (16/20 Programs)
Program
AV0
AV1
8/8
7/7
6/6
Others
1
0
1
0
0
1
1
0
External pull up resistors must be used to realise a
logic HI as the outputs are open drain transistors.
See I/O Configuration.
AFC Defeat Output
The AFC defeat output is a TTL compatible signal
that is capable of switching the AFC circuitry in and
out. The AFC defeat output is pulled LO on any
program change including memory sequence up
and down and is held LO for 500ms after execution
of the command. When tune up or down are com-
manded the AFC defeat output is taken to logic LO.
After the tuning operation the AFC defeat is held
LO for 1 second after the key is released (see
Figure 9). On power on & start up resets it is taken
to logic LO for approx. 1.1 seconds.
AFC DEFE AT
OUTPUT
TUNE UP/DO WN :
KEYED
RELEASED
1s
Figure 9
Standby
The standby output is a push pull output capable
of directly driving an NPN transistor for switching
a relay. The states of this pin are defined in the
definition of terms. When standby is commanded,
available from all command sources as Standby or
On/Standby commands, the standby output is en-
abled.
If the device goes into Standby from On then any
program command will bring the device On with
that program selected. On/Off command from key-
boar d o nl y w il l exe cute the Off funct io n.
On/Standby, Memory sequence up or down, 1 *
and
± 10 (decade) commands from any command
source will bring the device On in the program
selected before Standby with the display showing
that program only, i.e. the device executes an On
command only.
If the device goes into Standby from Powered down
then the On/Off command from keyboard only and
any program command, On/Standby, Memory se-
quence up or down, 1 * and
± 10 (decade) com-
mands from any command source will bring the
device On in program 1. i.e. the device executes
an On command only.
Option Select
The Option select pin provides an extra line that
performs a ”hard wired keyboard function” in con-
junction with the keyboard scanning lines D0-D4.
This line has integrated logic associated with it
that enables one or many of the functions to be
active simultaneously. In contrast, the keyboard
inputs a-g will allow one key active at any given
time. See keyboard section.
Various options can be selected by the connection
or not of a diode as shown in Figures 7 & 8.
From left to right along the Option select line col-
umn 1 selects the number of programs. A diode
connected here selects 20 programs (full comple-
ment) and no diode (default) selects 16 programs
only that can be accessed. The 20 program option
only enables selection of 1 * or decade modes in
column 4. In column 2 the AV option defines the
state of the AV outputs for two protocols.
These are described in section Audio visual output.
Column 3 defines the state the M494 powers up in.
If no connection of a diode (default) is made here
the device powers up in the Off state. If a diode is
present then the device powers up in the Standby
state. In column 4, activated by the 20 program
option only, the presence of a diode places the
device in 1 * mode and the absence of a diode
selects decade mode. The diode and switch in
column 5 defeats the skip condition and enables
program memory words to be read with the skip
flag set.
This allows programming (or reprogramming) of
previously skipped words.
M494
12/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com