Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M494 Datasheet HTML 10Page - STMicroelectronics M494 Datasheet HTML 11Page - STMicroelectronics M494 Datasheet HTML 12Page - STMicroelectronics M494 Datasheet HTML 13Page - STMicroelectronics M494 Datasheet HTML 14Page - STMicroelectronics M494 Datasheet HTML 15Page - STMicroelectronics M494 Datasheet HTML 16Page - STMicroelectronics M494 Datasheet HTML 17Page - STMicroelectronics M494 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Manual Tuning
Manual tuning commands tune up or down, are
available from keyboard only and are provided to
allow both manual station search and tuning
adjustments. If a continuous tuning up or down
command is made from the keyboard the speed of
movement of the tuning counter is as shown in
fig. 10 for the UHF and CATV bands. Time to is the
start time for the key being pressed. When the
FB/sync. coincidence input is a logic HI the tuning
speed is reduced to 16 steps/sec. If, at time to the
FB/sync. coincidence input is at logic LO than the
tuning.sweep speed jumps immediately to 512
steps/sec.
For VHF III & I all these levels are shifted up by a
factor of 2 & 4 respectively giving slowest speeds
of 8 steps/sec. and 16 steps/sec. and highest
speeds of 1024 steps/sec and 2048 steps/sec. If
the continuity of command is broken by releasing
the keyboard for example then the tuning speed
returns to its slowest speed when the FB/sync.
coincidence input is at logic HI. If the upper or lower
limit of a band is reached during manual tuning then
tuning will continue in the same direction from the
opposite limit after a 480ms delay to allow for the
discharge of the external network.
The tuning counter is 13 bits in length giving a
range of 8192 steps. The UHF band has a band-
width of approx. 400MHz. Thus in the UHF band
the slowest speed of 4 steps/sec. gives a tuning
speed of about 200kHz/sec. The fastest speed of
512 step/sec. corresponds to a total band sweep
time of 16 seconds.
Program Memory Sequence
A continuous up/down program memory command
from keyboard produces a program change every
500ms. From remote control and data command
sources a continuous program memory sequence
command produces a program change approx.
every 500ms or every 5 received commands. A
memory sequence up or down command issued
from any source will bring the device out of standby
to the program selected before standby was com-
manded. The memory sequence up or down will
not then commence until the command is stopped
and reissued from any source (until an EOT has
been received or internally generated).
512
4
8
16
32
FB/SYNC.
COINCIDENCE
FB/SYNC.
COINCIDENCE
FB/SYNC.
COINCIDENCE
Time (sec)
t0
123
TUNING SWEEP
SPEED (STEP/SEC)
Figure 10 : Tuning Sweep Speed (UHF & CATV BANDS)
M494
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com