Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M494 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M494 Datasheet HTML 7Page - STMicroelectronics M494 Datasheet HTML 8Page - STMicroelectronics M494 Datasheet HTML 9Page - STMicroelectronics M494 Datasheet HTML 10Page - STMicroelectronics M494 Datasheet HTML 11Page - STMicroelectronics M494 Datasheet HTML 12Page - STMicroelectronics M494 Datasheet HTML 13Page - STMicroelectronics M494 Datasheet HTML 14Page - STMicroelectronics M494 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Data Input
Shown below are the codes for the commands :
see Table 2.
The Data input will accept signals whose timing is
defined in Figure 6 and electrical characteristics
defined in the table of static electrical charac-
teristics. The EOT code must be transmitted after
each command after a min. period of 112ms.
Band Outputs
Four band outputs are provided for selection of the
signal band : VHF I & III, UHF and CATV. Band skip
logic is implemented so that by tieing the relevant
pin to VSS a band can be skipped in regions of no
transmission in that band. The bands can be se-
lected only in a rolling sequence by the band se-
quence keyboard command. The sequence is as
follows : VHF III, UHF, VHF I, CATV.
Multi Standard Outputs
Two coded multi standard outputs (or general pur-
pose TV system flags) are provided so that the TV
set can be designed for use in areas of more than
one transmission standard. This function requires
an external decoder to realise 4 different standards
e.g. PAL 1, PAL 2, NTSC, SECAM etc. The multi
standard sequence command available from the
keyboard gives a simple binary count at the two
outputs : 00, 01, 10, 11, 00 etc. In Standby and Off
states the multistandard outputs are pulled to logic
LO.
Table 2 : Data Commands
Command
Number
Function
Code
16 Programs
20 Programs
D0
D1
D2
D3
D4
0
1
2
3
4
5
6
EOT
Program 1
Program 2
Program 3
Program 4
Program 5
Program 6
EOT
Program 1
Program 2
Program 3
Program 4
Program 5
Program 6
0
1
1
1
0
1
0
0
0
0
1
0
0
1
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
7
8
9
10
11
12
Program 7
Program 8
Program 9
Program 10
Program 11
Program 12
Program 7
Program 8
Program 9
Program 0
– 10 (decade)
+ 10 (decade)
1
0
1
0
1
0
1
0
0
1
1
0
1
0
0
0
0
1
0
1
1
1
1
1
0
0
0
0
0
0
13
14
15
16
17
18
Program 13
Program 14
Program 15
Program 16
Normalise
Volume up
1*
NOP
NOP
NOP
Normalise
Volume up
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
1
1
1
0
0
0
0
0
0
1
1
1
19
20
21
22
23
24
Volume down
Contrast up
Contrast down
Brightness up
Brightness down
Saturation up
Volume down
Contrast up
Contrast down
Brightness up
Brightness down
Saturation up
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
1
1
0
0
0
0
0
0
1
1
1
1
1
1
1
25
26
27
28
29
30
Saturation down
Memory Seq. up.
Memory Seq. down
On/standby (toggle)
Standby
Mute (toggle)
Saturation down
Memory Seq. up.
Memory Seq. down
On/standby (toggle)
Standby
Mute (toggle)
1
0
1
0
1
0
0
1
1
0
0
1
0
0
0
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
NO TRANSMISSION (pulled up)
1
1
1
1
The above table shown the difference between the 16 and 20 program options with respect to the Data input commands.
Commands 10, 11, 12 & 13 change function between the two options. Commands 14, 15 & 16 should not be used in the 20 program option,
as they have no function.
NOP = No operation.
M494
11/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com