Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W032 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 6Page - STMicroelectronics M27W032 Datasheet HTML 7Page - STMicroelectronics M27W032 Datasheet HTML 8Page - STMicroelectronics M27W032 Datasheet HTML 9Page - STMicroelectronics M27W032 Datasheet HTML 10Page - STMicroelectronics M27W032 Datasheet HTML 11Page - STMicroelectronics M27W032 Datasheet HTML 12Page - STMicroelectronics M27W032 Datasheet HTML 13Page - STMicroelectronics M27W032 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M27W032
10/23
Table 3. Standard Commands
Note: X Don’t Care, PA Program Address, PD Program Data. All values in the table are in hexadecimal. The Command Interface only uses
A0-A10 and DQ0-DQ7 to verify the commands; A11-A20, DQ8-DQ15 are Don’t Care.
Table 4. Multiple Word Program Command
Note: A Bus Read must be done between each Write cycle where the data is programmed or verified, to Read the Status Register and check
that the memory is ready to accept the next data. SA is the Start Address. CA is the Continue Address. FA is the Final Address. X Don’t
Care, n = number of Words to be programmed.
Table 5. Program Times
Note: 1. TA = 25°C, VPP = 12V.
Command
Bus Write Operations
1st
2nd
3rd
4th
Add
Data
Add
Data
Add
Data
Add
Data
Read/Reset
1X
F0
3
555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Word Program
4
555
AA
2AA
55
555
A0
PA
PD
Phase
Bus Write Operations
1st
2nd
3rd
4th
5th
nth
Final
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Set-Up
3
555
AA
2AA
55
555
20
Program
n+1
SA
PD1
CA
PD2
CA
PD3
CA
PD4
CA
PD5
CA
PAn
FA
X
Verify
n+1
SA
PD1
CA
PD2
CA
PD3
CA
PD4
CA
PD5
CA
PAn
FA
X
Parameter
Typ (1)
Max
Unit
Program (Word)
9
200
µs
Chip Program (Multiple Word)
4
70
s
Chip Program (Word by Word)
18
70
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com