Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W032 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 15Page - STMicroelectronics M27W032 Datasheet HTML 16Page - STMicroelectronics M27W032 Datasheet HTML 17Page - STMicroelectronics M27W032 Datasheet HTML 18Page - STMicroelectronics M27W032 Datasheet HTML 19Page - STMicroelectronics M27W032 Datasheet HTML 20Page - STMicroelectronics M27W032 Datasheet HTML 21Page - STMicroelectronics M27W032 Datasheet HTML 22Page - STMicroelectronics M27W032 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M27W032
22/23
REVISION HISTORY
Table 16. Document Revision History
Date
Version
Revision Details
28-Jun-2002
1.0
First Issue
09-Jul-2002
2.0
100ns speed class added (90ns at VCC = 3.0 to 3.6V)
Product Name changed
02-Aug-2002
2.1
Multiple Word Program Command Table clarified (Table 4)
ICC1, ICC2 clarified (Table 10)
27-Sep-2002
2.2
Product Naming revised
28-Nov-2002
2.3
OTP specification added
SO44 package changed to 500mils body width
Bus Operation table clarified (Table 2)
Read/Reset, Auto Select and Multiple Word Program commands clarified
90ns speed class obtained from the 100ns at VCC = 3.0 to 3.6V - clarification (Table 11
and 12)
19-Dec-2002
2.4
Document maturity changed to Preliminary Data
21-Jan-2003
2.5
TSOP Connections diagram updated (Figure 4)
20-Feb-2003
2.6
TSOP Connections diagram changed back as in version 2.4 (Figure 4)
09-May-2003
2.7
Document maturity changed to Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com