Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W032 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 13Page - STMicroelectronics M27W032 Datasheet HTML 14Page - STMicroelectronics M27W032 Datasheet HTML 15Page - STMicroelectronics M27W032 Datasheet HTML 16Page - STMicroelectronics M27W032 Datasheet HTML 17Page - STMicroelectronics M27W032 Datasheet HTML 18Page - STMicroelectronics M27W032 Datasheet HTML 19Page - STMicroelectronics M27W032 Datasheet HTML 20Page - STMicroelectronics M27W032 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M27W032
Figure 10. Read AC Waveforms
Table 11. Read AC Characteristics
Note: 1. VPP must be applied after VCC and with the Chip Enable (E) at VIH.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter (1)
Test Condition
M27W032
Unit
100
110
VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V VCC = 2.7 to 3.6V
tAVQV
tACC
Address Valid to
Output Valid
E = VIL,
G = VIL
Max
90
100
110
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
Max
90
100
110
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
Max
353535
ns
tEHQZ
(2)
tHZ
Chip Enable High to
Output Hi-Z
G = VIL
Max
303030
ns
tGHQZ
(2)
tDF
Output Enable High to
Output Hi-Z
E = VIL
Max
303030
ns
tAXQX
tOH
Address Transition to
Output Transition
Min
0
0
0
ns
AI05929
tAVQV
tAXQX
tEHQZ
tGLQV
VALID
A0-A20
G
DQ0-DQ15
E
tELQV
tGHQZ
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com