Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W032 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 4 Page - STMicroelectronics

  M27W032 Datasheet HTML 1Page - STMicroelectronics M27W032 Datasheet HTML 2Page - STMicroelectronics M27W032 Datasheet HTML 3Page - STMicroelectronics M27W032 Datasheet HTML 4Page - STMicroelectronics M27W032 Datasheet HTML 5Page - STMicroelectronics M27W032 Datasheet HTML 6Page - STMicroelectronics M27W032 Datasheet HTML 7Page - STMicroelectronics M27W032 Datasheet HTML 8Page - STMicroelectronics M27W032 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M27W032
4/23
SUMMARY DESCRIPTION
The M27W032 is a 32 Mbit (2Mb x16) non-volatile,
One Time Programmable (OTP), FlexibleROM™
Memory. Read operations can be performed using
a single low voltage (2.7 to 3.6V) supply. Program
operations require an additional VPP (11.4 to
12.6V) power supply. On power-up the memory
defaults to Read mode where it can be read in the
same way as a ROM or EPROM.
Program commands are written to the Command
Interface of the memory. An on-chip Program Con-
troller (PC) simplifies the process of programming
the memory by taking care of all of the special op-
erations that are required to update the memory
contents.
The M27W032 features an innovative command,
Multiple Word Program, used to program large
streams of data. It greatly reduces the total pro-
gramming time when a large number of Words are
written to the memory at any one time. Using this
command the entire memory can be programmed
in 4s, compared to 18s using the standard Word
Program.
The end of a program operation can be detected
and any error conditions identified. The command
set required to control the memory is consistent
with JEDEC standards.
Chip Enable and Output Enable signals control the
bus operation of the memory. They allow simple
connection to most microprocessors, often without
additional logic.
The memory is offered in SO44 and TSOP48 (12
x 20mm) packages. The memory is supplied with
all the bits set to ’1’.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05928
21
A0-A20
DQ0-DQ15
VCC
M27W032
E
VSS
16
G
VPP
A0-A20
Address Inputs
DQ0-DQ15
Data Inputs/Outputs
E
Chip Enable
G
Output Enable
VCC
Supply Voltage read
VPP
Supply Voltage program
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com