Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W032 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27W032
Description  32 Mbit 2Mb x16 3V Supply FlexibleROM™ Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W032 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27W032 Datasheet HTML 14Page - STMicroelectronics M27W032 Datasheet HTML 15Page - STMicroelectronics M27W032 Datasheet HTML 16Page - STMicroelectronics M27W032 Datasheet HTML 17Page - STMicroelectronics M27W032 Datasheet HTML 18Page - STMicroelectronics M27W032 Datasheet HTML 19Page - STMicroelectronics M27W032 Datasheet HTML 20Page - STMicroelectronics M27W032 Datasheet HTML 21Page - STMicroelectronics M27W032 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
M27W032
18/23
Figure 11. Chip Enable Controlled, Write AC Waveforms
Table 12. Chip Enable Controlled, Write AC Characteristics
Note: 1. TA = 25°C; VPP = 11.4 to 12.6V. VCC = 2.7 to 3.6V.
VPP must be applied after VCC and with the Chip Enable (E) at VIH.
Sampled only, not 100% tested.
2. Not required in Auto Select or Read/Reset command sequences.
Symbol
Alt
Parameter (1)
M27W032
Unit
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
50
ns
tDVEH
tDS
Input Valid to Chip Enable High
Min
50
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
ns
tEHEL
tCPH
Chip Enable High to Chip Enable Low
Min
50
ns
tAVEL
tAS
Address Valid to Chip Enable Low
Min
0
ns
tELAX
tAH
Chip Enable Low to Address Transition
Min
100
ns
tGHEL
Output Enable High Chip Enable Low
Min
10
ns
tEHGL
tOEH
Chip Enable High to Output Enable Low
Min
10
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
Min
50
µs
tVPHEL
(2)
tVCS
VPP High to Chip Enable Low
Min
500
ns
AI05930
E
G
A0-A20
DQ0-DQ15
VALID
VALID
VCC
tVCHEL
tEHEL
tAVEL
tEHGL
tELAX
tEHDX
tDVEH
tELEH
tGHEL
VPP
tVPHEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com