Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 9 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation EP1551 Datasheet HTML 10Page - Eorex Corporation EP1551 Datasheet HTML 11Page - Eorex Corporation EP1551 Datasheet HTML 12Page - Eorex Corporation EP1551 Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary
Rev.01
9/16
EP1551
Functional Block Diagram
Figure 7. Block Diagram for EP1551
Pin Description
PIN
NAME
FUNCTION
1
COMP1
Auxiliary Controller 1 Compensation Node. Connect a series RC from COMP1 to GND to
compensate the control loop. COMP1 is actively driven to GND in shutdown and thermal
limit.
2
FB1
Auxiliary Controller 1 Feedback Input. For 5V output, short FBSEL1 to GND and
connect FB1 to the output voltage. For other output voltages, connect FBSEL1 to
OUTSU and connect a resistive voltage-divider from the Step-up converter output to
FB1 to GND. The FB1 feedback threshold is then 1.25V. This pin is high impedance in
shutdown.
3
PGNDA
Power Ground. Connect PGNDA and PGNDB together and to GND with short trace as
close to the IC as possible.
4
LXSD
Step-down Converter Power-Switching Node. Connect LXSD to the Step-down
converter inductor. LXSD is the drain of the P-channel switch and N-channel
synchronous rectifier. LXSD is high impedance in shutdown.
5
INSD
Step-down Converter Input. INSD can connect to OUTSU, effectively making OUTSD a
buck-boost output from the battery. Bypass to GND with a 1µF ceramic capacitor if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com