Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 13 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 13 Page - Eorex Corporation

Back Button EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation EP1551 Datasheet HTML 10Page - Eorex Corporation EP1551 Datasheet HTML 11Page - Eorex Corporation EP1551 Datasheet HTML 12Page - Eorex Corporation EP1551 Datasheet HTML 13Page - Eorex Corporation EP1551 Datasheet HTML 14Page - Eorex Corporation EP1551 Datasheet HTML 15Page - Eorex Corporation EP1551 Datasheet HTML 16Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary
Rev.01
13/16
EP1551
‧
During startup, P-channel switch transistor is always off, N-channel switch transistor is controlled by
startup oscillator’s output. N-channel switch transistor has fixed off time, its on time is determined by
startup current limit, inductor value, and input voltage.
‧
When OUTSU reaches 2.5V, startup is complete, and the main circuits begin to work.
‧
The oscillator’s frequency is determined by the RC network at OSC pin and the output voltage of Step-up
DCDC converter, so the frequency changes as OUTSU ramps upward following startup.
‧
Current sense amplifier (Isense AMP) senses inductor current when N-channel switch transistor is on.
When inductor’s peak current reaches 2A, N-channel switch transistor will be turned off.
‧
Reverse current sense amplifier (Izero AMP) senses inductor current when P-channel switch transistor is
on. When inductor current falls to zero, P-channel switch transistor will be turned off.
‧
If Step-up DC-DC converter has moderate or heavy load, inductor current is controlled by the output of
error amplifier (ERR AMP). With light load, Step-up DC-DC converter operates in idle-mode to improve
the efficiency. In idle-mode, peak current of every pulse is fixed at 200mA, and some pulses are skipped.
Step-down DC-DC Converter
Figure 9. Block Diagram for Current-Mode Step-down DC-DC Converter
‧
The structure of Step-down DC-DC converter is similar to that of Step-up DC-DC converter. Soft-start circuit is
used to ramp the internal reference up from 0V to 1.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com