Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 1 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 1 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary
Rev.01
1/16
EP1551
1 MHz Five-channel Power Supply
FEATURES
Up to 95% efficiency
‧
Step-up and up to 92%
efficient Step-down converters
Combine
‧
Step-up and Step-down for up to 87%
efficiency buck-boost operations
Minimum 0.7V input voltage
‧
2µA shutdown mode
‧
Intern
‧
al soft start control
Overload protection
‧
Compact
‧
QFN-32 5 x 5 mm package
APPLICATIONS
‧
Digital still camera
‧
Digital video camera
‧
PDA
‧
MP3
‧
PMP
‧
Portable DVD Player
‧
Car navigation
DESCRIPTION
The EP1551 is a small, high efficiency, five-channel, power-supply for digital still and video cameras. It consists
of:
‧
Step-up DC-DC converter with on-chip power MOSFETs for 3.3V main system supply with up to 95%
efficiency. It accepts inputs from 0.7V to 5.5V and regulates a resistor-adjustable output from 2.7V to 5.5V.
‧
Step-down main DC-DC converter with on-chip power MOSFETs for 1.5V DSP core supply with up to 92%
efficiency. It can operate from the Step-up main system supply providing buck-boost capability with up to 90%
compound efficiency, or it can run directly from battery if buck-boost operation is not needed.
‧
PWM controller with external FET for Step-up DC-DC converter for 5V motor actuator
‧
PWM controller with external FET for 15V LCD supply
‧
PWM controller with external FET and transformer for –7.5V and +15V CCD Bias
All DC-DC channels operate at one fixed frequency settable from 100KHz to 1MHz to optimize size, cost and
efficiency. Other features include soft-start, power-OK outputs, and overload protection. The EP1551 is available
in apace saving QFN-32 5 x 5 mm packages. An evaluation kit is also available to expedite design.


Similar Part No. - EP1551

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EP1551 EOREX-EP1551 Datasheet
167Kb / 7P
Evaluation Board Manual
EP1551EV EOREX-EP1551EV Datasheet
167Kb / 7P
Evaluation Board Manual
EP1551 EOREX-EP1551_15 Datasheet
371Kb / 16P
1 MHz Five-channel Power Supply
More results

Similar Description - EP1551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1565 MAXIM-MAX1565 Datasheet
512Kb / 26P
Small, High-Efficiency, Five-Channel Digital Still Camera Power Supply
19-2712; Rev 0; 1/03
logo
Sanyo Semicon Device
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
Five-Channel Driver
logo
ON Semiconductor
CAT885 ONSEMI-CAT885 Datasheet
141Kb / 8P
Five-Channel Power Supply Supervisors
Doc. No. MD-3028 Rev. C
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Eorex Corporation
EP1551 EOREX-EP1551_15 Datasheet
371Kb / 16P
1 MHz Five-channel Power Supply
logo
Silicon Laboratories
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI845X SILABS-SI845X Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
SI8650 SILABS-SI8650_18 Datasheet
914Kb / 42P
Low Power Five-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
Low Power Five-Channel Digital Isolator
December 3, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com