Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 5 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 5 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary
Rev.01
5/16
EP1551
Parameter
Conditions
MIN
TYP
MAX
unit
AUXILIARY DC-DC CONTROLLERS (AUX 1, 2, AND 3) :
Maximum Duty Cycle
FB_ = 1V
80
85
90
%
FB_ Regulation Voltage
1.225
1.25
1.275
V
FB_ to COMP_
Transconductance
FB_ = COMP_
80
135
185
µS
FB_ Input Leakage Current
FBSU =1.25V
-100
2
100
nA
AUX1 Output Regulation
Voltage
FBSEL1 = GND, FB1connected
directly AUX1 output
4.85
5
5.15
V
Output high
3
10
DL_ Driver Resistance
Output low
2
5
Ω
DL_ Driver Current
Sourcing or sinking
0.5
A
Soft-Start Interval
4096
OSC
cycle
LOGIC INPUTS (ON_, FBSEL):
1.1V < OUTSU < 1.8V (ONSU only)
0.2
Input Low Level
1.8V < OUTSU < 5.5V
0.4
V
1.1V < OUTSU < 1.8V (ONSU only)
VOUT
SU
-0.2
Input High Level
1.8V < OUTSU < 5.5V
1.6
V
FBSEL = 3.6V, OUTSU = 3.6V
-100
0
100
FBSEL_ Input Leakage
Current
FBSEL = GND, OUTSU = 3.6V
-100
0
100
nA
ONSU Impedance to GND
ONSU=3.35V
303
KΩ
ONSD Impedance to GND
ONSD=3.35V
275
KΩ
ON_ Impedance to GND
ON_ =3.35V
308
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com