Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1551 Datasheet(PDF) 3 Page - Eorex Corporation

Part # EP1551
Description  1 MHz Five-channel Power Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP1551 Datasheet(HTML) 3 Page - Eorex Corporation

  EP1551 Datasheet HTML 1Page - Eorex Corporation EP1551 Datasheet HTML 2Page - Eorex Corporation EP1551 Datasheet HTML 3Page - Eorex Corporation EP1551 Datasheet HTML 4Page - Eorex Corporation EP1551 Datasheet HTML 5Page - Eorex Corporation EP1551 Datasheet HTML 6Page - Eorex Corporation EP1551 Datasheet HTML 7Page - Eorex Corporation EP1551 Datasheet HTML 8Page - Eorex Corporation EP1551 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary
Rev.01
3/16
EP1551
Absolute Maximum Rating
(Note 1)
OUTBU_, INSD, SDOK, ON_, FB_, FBSEL_ to GND................................ -0.3V to +6V
PGND to GND ........................................................................................ -0.3V to +0.3V
DL_to PGND...............................................................................-0.3V to OUTSU+0.3V
LXSU Current
(Note 2) ................................................................................................3.6A
LXSD Current
(Note 2) ..............................................................................................2.25A
REF, OSC, COMP_ to GND........................................................-0.3V to OUTSU+0.3V
Continuous Power Dissipation (TA=70°C, derate 22mW/°C above +70°C)......1700Mw
Operating Temperature Range.............................................................. -40°C to +85°C
Junction Temperature ........................................................................................+150°C
Storage Temperature Range............................................................... -65°C to +150°C
Lead Temperature (Soldering, 10s) ...................................................................+150°C
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
LXSU has internal clamp diodes to OUTSU and PGND, and LXSD has internal clamp diodes to
INSD and PGND. Applications that forward bias these diodes should take care not to exceed the
devices power dissipation limits.
Electrical Characteristics
(VOUTSU = 3.3V, TA = 0°C to +85°C, unless otherwise noted.)
Parameter
Conditions
MIN
TYP
MAX
unit
GENERAL:
Input Voltage Range
0.7
5.5
V
Minimum Startup Voltage
ILOAD < 1mA, TA = +25°C
1.2
1.4
V
Thermal Shutdown
160
°C
Thermal-Shutdown Hysteresis
20
°C
Shutdown Supply Current into
OUTSU
ONSU = ONSD = ON1 = ON2 = ON3
= 0, OUTSU = 3.6V
0.3
5
µA
Step-up DC-DC Supply Current
into OUTSU
ONSU = 3.35v, FBSU = 1.5V (does
not include switching losses)
320
400
µA
Step-up Plus 1 AUX Supply
Current into OUTSU
ONSU = ON_ = 3.35V,
FBSU = 1.5V, FB_= 1.5V
(does not include switching losses)
385
600
µA
Step-up Plus Step-down
Supply Current into OUTSU
ONSU = ONSD = 3.35V, FBSU =
1.5V, FBSD = 1.5V (does not include
switching losses)
1030
1300
µA
Reference Output Voltage
IREF = 20 µA
1.225
1.25
1.275
V
Reference Load Regulation
10µA < IREF < 200µA
4.5
10
mV
Reference Line Regulation
2.7 < OUTSU < 5.5V
1.3
5
mV
OSC Discharge Trip Level
Rising edge
1.225
1.25
1.275
V
OSC Discharge Resistance
OSC = 1.5v, IOSC = 3mA
52
80
Ω
OSC Discharge Pulse Width
230
ns
OSC Frequency
ROSC = 40K., COSC = 100pF
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com