Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX3232B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2EQX3232B
Description  3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3232B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2EQX3232B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PS8889D
10/03/07
PI2EQX3232B
3.2Gbps, 2-Port, SATAi/m,
Serial Re-Driver
AC/DC Electrical Characteristics (TA = 0 to 70˚C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CML Transmitter Output (100Ω differential)
VDIFFP
Output Voltage Swing; | VTX-D+
- VTX-D- |
Differential
Swing
Swing = 1.0x
200
375
mVp-p
Swing = 1.2x
250
450
VTX-DIFFP-P
Differential Peak-to-peak Ouput
Voltage; VTX-DIFFP-P = 2 * |
VTX-D+ - VTX-D- |
Swing = 1.0x
400
750
mV
Swing = 1.2x
500
900
tF, tR
Transition Time
20% to 80% (1)
150
ps
ZOUT
Output resistance
Single ended
40
50
60
Ω
ZTX-DIFF-DC
DC Differential TX Impedance
80
100
120
Ω
CTX
AC Coupling Capacitor
75
200
nF
LVCMOS Control Pins
VIH
Input High Voltage
0.65 ×
VDD
VDD
V
VIL
Input Low Voltage
0.35 ×
VDD
IIH
Input High Current
250
μA
IIL
Input Low Current
500
Note:
1.
Using K28.7 (0011111000) pattern)
2.
When 1.0x swing selected
3.
When 1.2x swing selected
07-0225



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com