Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX3232B Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI2EQX3232B
Description  3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3232B Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI2EQX3232B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PS8889D
10/03/07
PI2EQX3232B
3.2Gbps, 2-Port, SATAi/m,
Serial Re-Driver
Ordering Information
Ordering Number
Package Code
Package Description
PI2EQX3232BZDE
ZD
Pb-free & Green 48-Contact TQFN
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 48-Contact TQFN (ZD48)
DESCRIPTION: 48-Contact, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZD (ZD48)
DOCUMENT CONTROL #: PD-2045
REVISION: A
DATE: 03/10/06
06-0252
07-0225



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com