Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX3232B Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI2EQX3232B
Description  3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3232B Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI2EQX3232B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8889D
10/03/07
PI2EQX3232B
3.2Gbps, 2-Port, SATAi/m,
Serial Re-Driver
Storage Temperature........................................................ –65°C to +150°C
Supply Voltage to Ground Potential................................... –0.5V to +2.5V
DC SIG Voltage..........................................................–0.5V to VDD +0.5V
Current Output ................................................................-25mA to +25mA
Power Dissipation Continous ......................................................... 800mW
Operating Temperature.............................................................. 0 to +70°C
Output Swing Control
SEL3_[A:D]
Swing
01x
1
1.2x
Equalizer Selection
SEL0_[A:D]
Compliance Channel
0
[0:3.5dB] @ 1.6 GHz
1
[0:7.5dB] @ 1.6 GHz
Output De-emphasis Adjustment
SEL5_[A:D]
De-emphasis
0
0dB
1
-3.5dB
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Pin Description (Continued)
Pin #
Pin Name
I/O
Description
45
SEL_OL_A
I
Selection pins for amplifier (see Amplifier Configuration Table)
w/ 50kΩ internal pull up
44
SEL_OL_B
I
18
SEL_OL_C
I
19
SEL_OL_D
I
43
SEL_DE_A
I
Selection pins for De-Emphasis (See De-Emphasis Configuration Table)
w/ 50kΩ internal pull up
42
SEL_DE_B
I
20
SEL_DE_C
I
21
SEL_DE_D
I
3,6,9,12,28,
31,34,37,38
VDD
PWR
1.8V Supply Voltage
07-0225



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com