Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX3232B Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2EQX3232B
Description  3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3232B Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2EQX3232B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8889D
10/03/07
PI2EQX3232B
3.2Gbps, 2-Port, SATAi/m,
Serial Re-Driver
Pin Description
Pin #
Pin Name
I/O
Description
1
AI+
I
Positive CML Input Channel A with internal 50Ω pull down
2
AI-
I
Negative CML Input Channel A with internal 50Ω pull down
36
AO+
O
Positive CML Output Channel A internal 50Ω pull up to VDD during normal opera-
tion and 2kΩ when EN_A=0. Drives to output common mode voltage when input is
<VTH–.
35
AO-
O
Negative CML Output Channel A with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_A=0. Drives to output common mode voltage when
input is <VTH–.
33
BI+
I
Positive CML Input Channel B with internal 50Ω pull down
32
BI-
I
Negative CML Input Channel B with internal 50Ω pull down
4
BO+
O
Positive CML Output Channel B with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_B=0. Drives to output common mode voltage when
input is <VTH–.
5
BO-
O
Negative CML Output Channel B with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_B=0. Drives to output common mode voltage when
input is <VTH–.
7
CI+
I
Positive CML Input Channel C with internal 50Ω pull down
8
CI-
I
Negative CML Input Channel C with internal 50Ω pull down
14
15
CKIN+
CKIN-
I
I
Differential Input Reference Clock
30
CO+
O
Positive CML Output Channel C with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_C=0. Drives to output common mode voltage when
input is <VTH–.
29
CO-
O
Negative CML Output Channel C with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_C=0. Drives to output common mode voltage when
input is <VTH–.
27
DI+
I
Positive CML Input Channel D with internal 50Ω pull down
26
DI-
I
Negative CML Input Channel D with internal 50Ω pull down
10
DO+
O
Positive CML Output Channel D with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_D=0. Drives to output common mode voltage when
input is <VTH–.
11
DO-
O
Negative CML Output Channel C with internal 50Ω pull up to VDD during normal
operation and 2kΩ when EN_D=0. Drives to output common mode voltage when
input is <VTH–.
41, 40, 39, 38
EN_
[A,B,C,D]
I
Active HIGH LVCMOS signal input pins, when HIGH, it enables the CML output.
When LOW, it disables the CML output (x0+, x0-) to HI-z state. Both x0+ & x0- out-
puts will be pulled up to VDD by internal 2kΩ resistor.
13
EN_CLK
I
Active HIGH LVCMOS signal input pin. When HIGH, it enables the OUTx+/OUTx-
outputs. When LOW, it disables these outputs, with 50Ω to ground termination.
25, Center Pad
GND
PWR
Supply Ground
24
IREF
O
External 475Ω resistor connection to set the differential output current
22
23
OUT0+
OUT1-
O
O
Differential Reference Clock Output
47
SEL_EQ_A
I
Selection pins for equalizer (see Amplifier Configuration Table)
w/ 50kΩ internal pull up
46
SEL_EQ_B
I
16
SEL_EQ_C
I
17
SEL_EQ_D
I
07-0225



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com