Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2EQX3232B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2EQX3232B
Description  3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX3232B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2EQX3232B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX3232B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8889D
10/03/07
Features
• Supports data rates up to 3.2Gbps on each lane
• Adjustable Transmiter De-Emphasis & Amplitude
• Adjustable Receiver Equalization
• Spectrum Reference Clock Buffer Output
• Optimized for SATAi/m applications
• Input signal level detection & output squelch on all channels
• 100-Ohm Differential CML I/O’s
• Low Power (100mW per Channel)
• Standby Mode – Power Down State
• VDD Operating Range: 1.8V +/-0.1V
• Packaging (Pb-free & Green):48-contact TQFN
Description
Pericom Semiconductor’s PI2EQX3232B is a low power, signal
Re-Driver. The device provides programmable equalization,
amplification, and de-emphasis, to optimize performance over a
variety of physical mediums by reducing Inter-Symbol Interference
(ISI). PI2EQX3232B supports four 100-Ohm Differential CML
data I/O’s between the Protocol ASIC to a switch fabric, across
a backplane, or to extend the signals across other distant data
pathways on the user’s platform.
The integrated equalization circuitry provides flexibility with
signal integrity of the signal before the Re-Driver. Whereas the
integrated de-emphasis circuitry provides flexibility with signal
integrity of the signal after the Re-Driver.
A low-level input signal detection and output squelch function
is provided for all four channels. Each channel operates fully
independantly. When a channel is enabled (EN_x=1) and
operating, that channels input signal level (on xI+/-) determines
whether the output is enabled. If the input level of the channel
falls below the active threshold level (Vth-) then the output driver
switches off, and the pin is pulled to VDD via a high impedance
resistor. If the input level of the channel falls below the active
threshold level (Vth-) then the outputs are driven to the common
mode voltage.
In addition to providing signal re-conditioning, Pericom’s
PI2EQX3232B also provides power management Stand-by mode
operated by an Enable pin.
Block Diagram
PI2EQX3232B
3.2Gbps, 2-Port, SATAi/m, Serial Re-Driver
Pin Description
EN_x
Power
Management
xI+
CML
xI-
xO+
xO-
CML
Limiting
Amp
Equalizer
SEL_EQ
CKIN-
CKIN+
OUT-
OUT+
SEL_OL_x
SEL_DE_ x
-- Repeated 4 times --
Buffer
EN_
CLK
IREF
Signal Detect
_x
1
2
3
4
5
6
7
8
9
10
11
12
VDD
AI+
AI-
VDD
BO+
BO-
VDD
CI+
CI-
DO+
DO-
GND
AO
VDD
BI+
VDD
CO+
CO-
VDD
DI+
DI-
36
35
34
33
32
31
30
29
28
27
26
25
GND
VDD
AO+
BI-
-
07-0225


Similar Part No. - PI2EQX3232B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3201BL PERICOM-PI2EQX3201BL Datasheet
585Kb / 5P
3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
PI2EQX3201ZFE PERICOM-PI2EQX3201ZFE Datasheet
510Kb / 7P
3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
More results

Similar Description - PI2EQX3232B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
logo
Pericom Semiconductor C...
PI2EQX3202 PERICOM-PI2EQX3202 Datasheet
553Kb / 7P
3.2Gbps, 4 Differential Channel, Serial Re-driver with Built-in Equalization & De-emphasis
PI2EQX3201 PERICOM-PI2EQX3201 Datasheet
510Kb / 7P
3.2Gbps 2 Differential Channel Serial Re-driver with built-in Equalization and De-emphasis
PI2EQX3211B PERICOM-PI2EQX3211B Datasheet
408Kb / 5P
3.2Gbps 2 Differential Channel Serial Re-driver with Equalization, Squelch and Flow-Through Pinout
PI2EQX3202B PERICOM-PI2EQX3202B Datasheet
419Kb / 7P
3.2Gbps, 4 Differential Channel, Serial Re-Driver with Equalization, De-emphasis, and Squelch
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Linear Technology
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
3.3V, 3.2Gbps VCSEL Driver
logo
STMicroelectronics
STA1102R STMICROELECTRONICS-STA1102R Datasheet
284Kb / 18P
3 Gbps, 2 differential-pair channel eSATA signal re-driver
31-Jan-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com