Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LMC7101
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101 Datasheet(HTML) 5 Page - STMicroelectronics

  LMC7101 Datasheet HTML 1Page - STMicroelectronics LMC7101 Datasheet HTML 2Page - STMicroelectronics LMC7101 Datasheet HTML 3Page - STMicroelectronics LMC7101 Datasheet HTML 4Page - STMicroelectronics LMC7101 Datasheet HTML 5Page - STMicroelectronics LMC7101 Datasheet HTML 6Page - STMicroelectronics LMC7101 Datasheet HTML 7Page - STMicroelectronics LMC7101 Datasheet HTML 8Page - STMicroelectronics LMC7101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
∫en
Low-frequency peak-to-peak input
noise
Bandwidth, f = 0.1 to 10 Hz
16
µVpp
THD+N
Total harmonic distortion + noise
Follower configuration, fin = 1 kHz, RL =
100 kΩ, Vicm = (VCC -1.5 V)/2, BW = 22
kHz, Vout = 1 Vpp
0.004
%
1. Guaranteed by design
Table 4. Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
T = 25 °C
3
mV
-40 °C < T < 125 °C
5
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
1
µV/°C
ΔVio
Long-term input offset voltage drift
T = 25 °C (1)
5
nV/√month
Iib
Input bias current, Vout = VCC/2
T = 25 °C
1
100 (2)
pA
-40 °C < T < 125 °C
1
200 (2)
Iio
Input offset current, Vout = VCC/2
T = 25 °C
1
100 (2)
-40 °C < T < 125 °C
1
200 (2)
CMR1
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC - 1.5 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
66
84
dB
-40 °C < T < 125 °C
63
CMR2
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC + 0.1 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
50
69
-40 °C < T < 125 °C
47
Avd
Large signal voltage gain, Vout =
0.5 V to (VCC - 0.5 V), RL > 1 MΩ
T = 25 °C
85
-40 °C < T < 125 °C
83
VOH
High-level output voltage, VOH =
VCC - Vout
RL = 10 kΩ, T = 25 °C
70
mV
RL = 10 kΩ, -40 °C < T < 125 °C
100
VOL
Low-level output voltage
RL = 10 kΩ, T = 25 °C
70
RL = 10 kΩ, -40 °C < T < 125 °C
100
Iout
Isink
Vout = VCC, T = 25 °C
11
14
mA
Vout = VCC, -40 °C < T < 125 °C
8
Isource
Vout = 0 V, T = 25 °C
9
12
Vout = 0 V, -40 °C < T < 125 °C
7
ICC
Supply current, per channel, Vout =
VCC/2, RL > 1 MΩ
T = 25 °C
235
350
μA
-40 °C < T < 125 °C
400
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
700
850
kHz
Fu
Unity gain frequency
730
LMC7101
Electrical characteristics
DS13567 - Rev 1
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com