Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LMC7101
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101 Datasheet(HTML) 4 Page - STMicroelectronics

  LMC7101 Datasheet HTML 1Page - STMicroelectronics LMC7101 Datasheet HTML 2Page - STMicroelectronics LMC7101 Datasheet HTML 3Page - STMicroelectronics LMC7101 Datasheet HTML 4Page - STMicroelectronics LMC7101 Datasheet HTML 5Page - STMicroelectronics LMC7101 Datasheet HTML 6Page - STMicroelectronics LMC7101 Datasheet HTML 7Page - STMicroelectronics LMC7101 Datasheet HTML 8Page - STMicroelectronics LMC7101 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3
Electrical characteristics
Table 3. Electrical characteristics at VCC+ = 3.3 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected
to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
T = 25 °C
3
mV
-40 °C < T < 125 °C
5
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
1
µV/°C
Iib
Input bias current, Vout = VCC/2
T = 25 °C
1
100 (1)
pA
-40 °C < T < 125 °C
1
200 (1)
Iio
Input offset current, Vout = VCC/2
T = 25 °C
1
100 (1)
-40 °C < T < 125 °C
1
200 (1)
CMR1
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC - 1.5 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
63
80
dB
-40 °C < T < 125 °C
59
CMR2
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC + 0.1 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
47
66
-40 °C < T < 125 °C
45
Avd
Large signal voltage gain, Vout =
0.5 V to (VCC - 0.5 V), RL > 1 MΩ
T = 25 °C
85
-40 °C < T < 125 °C
83
VOH
High-level output voltage, VOH =
VCC - Vout
T = 25 °C
70
mV
-40 °C < T < 125 °C
100
VOL
Low-level output voltage
T = 25 °C
70
-40 °C < T < 125 °C
100
Iout
Isink, Vout = VCC
T = 25 °C
4.3
5.3
mA
-40 °C < T < 125 °C
2.5
Isource, Vout = 0 V
T = 25 °C
3.3
4.3
-40 °C < T < 125 °C
2.5
ICC
Supply current, per channel, Vout =
VCC/2, RL > 1 MΩ
T = 25 °C
220
300
μA
-40 °C < T < 125 °C
350
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
600
800
kHz
Fu
Unity gain frequency
690
ɸm
Phase margin
55
Degrees
Gm
Gain margin
9
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, Vout = 0.5 V to
VCC - 0.5 V
1
V/μs
en
Equivalent input noise voltage
density
f = 1 kHz
55
nV/√Hz
f = 10 kHz
29
LMC7101
Electrical characteristics
DS13567 - Rev 1
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com