Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LMC7101
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LMC7101 Datasheet HTML 7Page - STMicroelectronics LMC7101 Datasheet HTML 8Page - STMicroelectronics LMC7101 Datasheet HTML 9Page - STMicroelectronics LMC7101 Datasheet HTML 10Page - STMicroelectronics LMC7101 Datasheet HTML 11Page - STMicroelectronics LMC7101 Datasheet HTML 12Page - STMicroelectronics LMC7101 Datasheet HTML 13Page - STMicroelectronics LMC7101 Datasheet HTML 14Page - STMicroelectronics LMC7101 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
5
Application information
5.1
Operating voltages
The LMC7101 amplifier can operate from 3 V to 16 V. Its parameters are fully specified at 3.3 V, 5 V, and
16 V power supplies. However, the parameters are very stable in the full VCC range. Additionally, the main
specifications are guaranteed in extended temperature ranges from -40 to 125 ° C.
5.2
Rail-to-rail input
The LMC7101 device is built with two complementary PMOS and NMOS input differential pairs. The devices have
a rail-to-rail input, and the input common mode range is extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V.
However, the performance of this device is clearly optimized for the PMOS differential pairs (which means from
(VCC-) - 0.1 V to (VCC+) - 1.5 V).
Beyond (VCC+) - 1.5 V, the operational amplifiers are still functional but with degraded performance, as can be
observed in the electrical characteristics section of this datasheet (mainly Vio and GBP). These performances are
suitable for a number of applications that need to be rail-to-rail.
The devices are designed to prevent phase reversal.
5.3
Long term input offset voltage drift
To evaluate product reliability, two types of stress acceleration are used:
•
Voltage acceleration, by changing the applied voltage
•
Temperature acceleration, by changing the die temperature (below the maximum junction temperature
allowed by the technology) with the ambient temperature.
The voltage acceleration has been defined based on JEDEC results, and is defined using Equation 2.
Equation 2
AFV
e
β
VS VU
–
(
)
.
=
Where:
AFV is the voltage acceleration factor
β is the voltage acceleration constant in 1/V, constant technology parameter (β = 1)
VS is the stress voltage used for the accelerated test
VU is the voltage used for the application
The temperature acceleration is driven by the Arrhenius model, and is defined in Equation 3.
Equation 3
AFT
e
Ea
k
------
1
TU
1
TS
–
=
.
Where:
AFT is the temperature acceleration factor
Ea is the activation energy of the technology based on the failure rate
k is the Boltzmann constant (8.6173 x 10-5 eV.K-1)
TU is the temperature of the die when VU is used (K)
TS is the temperature of the die under temperature stress (K)
The final acceleration factor, AF, is the multiplication of the voltage acceleration factor and the temperature
acceleration factor (Equation 4).
Equation 4
LMC7101
Application information
DS13567 - Rev 1
page 11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com