Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LMC7101
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LMC7101 Datasheet HTML 2Page - STMicroelectronics LMC7101 Datasheet HTML 3Page - STMicroelectronics LMC7101 Datasheet HTML 4Page - STMicroelectronics LMC7101 Datasheet HTML 5Page - STMicroelectronics LMC7101 Datasheet HTML 6Page - STMicroelectronics LMC7101 Datasheet HTML 7Page - STMicroelectronics LMC7101 Datasheet HTML 8Page - STMicroelectronics LMC7101 Datasheet HTML 9Page - STMicroelectronics LMC7101 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ɸm
RL = 10 kΩ, CL = 100 pF
Phase margin
55
Degrees
Gm
Gain margin
9
dB
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, Vout = 0.5 V to
VCC - 0.5 V
1.1
V/μs
en
Equivalent input noise voltage
density
f = 1 kHz
55
nV/√Hz
f = 10 kHz
29
∫en
Low-frequency peak-to-peak input
noise
Bandwidth, f = 0.1 to 10 Hz
15
µVpp
THD+N
Total harmonic distortion + noise
Follower configuration, fin = 1 kHz, RL =
100 kΩ, Vicm = (VCC -1.5 V)/2, BW = 22
kHz, Vout = 2 Vpp
0.002
%
1. Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the
Arrhenius law and assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower
mode configuration.
2. Guaranteed by design
Table 5. Electrical characteristics at VCC+ = 16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected
to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
T = 25 °C
3
mV
-40 °C < T < 125 °C
5
ΔVio/ΔT
Input offset voltage drift
-40 °C < T < 125 °C
1
µV/°C
ΔVio
Long-term input offset voltage drift
T = 25 °C (1)
1.6
nV/√month
Iib
Input bias current, Vout = VCC/2
T = 25 °C
1
100 (2)
pA
-40 °C < T < 125 °C
1
200 (2)
Iio
Input offset current, Vout = VCC/2
T = 25 °C
1
100 (2)
-40 °C < T < 125 °C
1
200 (2)
CMR1
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC - 1.5 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
76
95
dB
-40 °C < T < 125 °C
72
CMR2
Common mode rejection ratio,
CMR = 20 log (ΔVic/ΔVio), Vic =
-0.1 V to VCC + 0.1 V, Vout = VCC/2,
RL > 1 MΩ
T = 25 °C
60
78
-40 °C < T < 125 °C
56
SVR
Common mode rejection ratio, 20
log (ΔVCC/ΔVio), VCC = 3 V to 16 V,
Vout = Vicm = VCC/2
T = 25 °C
76
90
-40 °C < T < 125 °C
72
Avd
Large signal voltage gain, Vout =
0.5 V to (VCC - 0.5 V), RL > 1 MΩ
T = 25 °C
85
-40 °C < T < 125 °C
83
VOH
High-level output voltage, VOH =
VCC - Vout
RL = 10 kΩ, T = 25 °C
70
mV
RL = 10 kΩ, -40 °C < T < 125 °C
100
VOL
Low-level output voltage
RL = 10 kΩ, T = 25 °C
70
LMC7101
Electrical characteristics
DS13567 - Rev 1
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com