Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LMC7101
Description  Tiny, low power, 16 V single operational amplifier for cost-optimized systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMC7101 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LMC7101 Datasheet HTML 11Page - STMicroelectronics LMC7101 Datasheet HTML 12Page - STMicroelectronics LMC7101 Datasheet HTML 13Page - STMicroelectronics LMC7101 Datasheet HTML 14Page - STMicroelectronics LMC7101 Datasheet HTML 15Page - STMicroelectronics LMC7101 Datasheet HTML 16Page - STMicroelectronics LMC7101 Datasheet HTML 17Page - STMicroelectronics LMC7101 Datasheet HTML 18Page - STMicroelectronics LMC7101 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
List of tables
Table 1.
Absolute maximum ratings (AMR) ........................................................ 3
Table 2.
Operating conditions ................................................................. 3
Table 3.
Electrical characteristics at VCC+ = 3.3 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified) ........................................................ 4
Table 4.
Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified) ........................................................ 5
Table 5.
Electrical characteristics at VCC+ = 16 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and RL = 10 kΩ connected to
VCC/2 (unless otherwise specified) ........................................................ 6
Table 6.
SOT23-5 mechanical data............................................................. 13
Table 7.
Order codes ...................................................................... 14
Table 8.
Document revision history ............................................................. 15
LMC7101
List of tables
DS13567 - Rev 1
page 17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com