Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID2006SEC-R1 Datasheet(PDF) 3 Page - Wuxi Chipown Micro-electronics limited

Part # ID2006SEC-R1
Description  High-Side & Low-Side Gate Drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

ID2006SEC-R1 Datasheet(HTML) 3 Page - Wuxi Chipown Micro-electronics limited

  ID2006SEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ID2006
Chipown
www.chipown.com
Wuxi Chipown Microelectronics Limited
Rev.1.0
3/7
Absolute Maximum Ratings
Exceeding these ratings may damage the device.
The absolute maximum ratings are stress ratings only at TA=25°C, unless otherwise specified.
Symbol
Definition
MIN.
MAX.
Units
VB
High side floating supply
-0.3
220
V
VS
High side floating supply return
VB – 20
VB + 0.3
VHO
High side gate drive output
VS – 0.3
VB + 0.3
VCC
Low side and main power supply
-0.3
20
VLO
Low side gate drive output
-0.3
VCC + 0.3
VIN
Logic input of HIN & LIN
-0.3
VCC + 0.3
ESD
HBM Model
1.5
--
kV
CDM Model
500
--
V
PD
Package Power Dissipation @ TA ≤25°C
--
0.625
W
RthJA
Thermal Resistance Junction to Ambient
--
200
°C /W
TJ
Junction Temperature
--
150
°C
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
--
300
Recommended Operating Conditions
Symbol
Definition
MIN.
MAX.
Units
VB
High side floating supply
VS + 6
VS + 18
V
VS
High side floating supply return
-9
200
VHO
High side gate drive output voltage
VS
VB
VCC
Low side supply
6
18
VLO
Low side gate drive output voltage
0
VCC
VIN
logic input voltage (HIN &
LIN)
0
VCC
TA
Ambient temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com