Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ID2006SEC-R1 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # ID2006SEC-R1
Description  High-Side & Low-Side Gate Drive IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

ID2006SEC-R1 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  ID2006SEC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited ID2006SEC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ID2006
Chipown
www.chipown.com
Wuxi Chipown Microelectronics Limited
Rev.1.0
1/7
High-Side & Low-Side Gate Drive IC
General description
The ID2006 is a high voltage, high speed power MOSFET
driver with independent high and low side referenced output
channels based on P_SUB P_EPI process. The floating
channel can be used to drive an N-channel power MOSFET
in the high side configuration which operates up to 200 V.
Logic inputs are compatible with standard CMOS or LSTTL
output, down to 3.3V logic. The output drivers feature a high
pulse current buffer stage designed for minimum driver
cross-conduction.
Application
Small and medium- power motor driver
Power MOSFETS driver
Half−Bridge Power Converters
Full-Bridge Power Converters
Any Complementary Drive Converters
Features
Fully operational to+200 V
3.3V and 5V input logic compatible
dV/dt Immunity ±50 V/nsec
Gate drive supply range from 6 V to 18 V
Typically Source / Sink current capability 1 A/1 A
Typically -9V negative Vs bias capability
Package/Order Information
ID2006
8
7
6
5
1
2
3
4
LO
COM
LIN
HIN
VCC
VB
HO
VS
Order code
Package
ID2006SEC-R1
SOP8
Typical Circuit
ID2006
8
7
6
5
CBS
Rcs V
1
2
3
4
VDC, up to 200V
M
LO
COM
LIN
HIN
VCC
VB
HO
VS
MCU
15V
Rcs U
Rcs W
IF U
IF V
IF W
BSD
RB
Q1
Q2
Q3
Q5
Q6
Q4
1
2
3
4
5
Note 1: RB value suggest 10 ohms, ultra fast recovery or schottky diode should be used as BSD
Note 2: CBS value according to PWM control condition
Note 3: Driver circuit should be adjust according to the MOSFETs be used
Note 4: Pull down resistor between Gate and Source of MOSFETs, 10k ohms is suggested
Note 5: Resistors between HIN/LIN and MCU, recommended value is 100 to 1k ohms


Similar Part No. - ID2006SEC-R1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ID200 MICROSEMI-ID200 Datasheet
73Kb / 2P
SCRs 1.6 Amp, Planear
logo
Digitron Semiconductors
ID200 DIGITRON-ID200 Datasheet
127Kb / 2P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - ID2006SEC-R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7371 FAIRCHILD-FAN7371 Datasheet
1Mb / 11P
High-Current High-Side Gate Drive IC
FAN7390 FAIRCHILD-FAN7390 Datasheet
1Mb / 15P
High-Current, High & Low-Side, Gate-Drive IC
FAN73901 FAIRCHILD-FAN73901 Datasheet
1Mb / 12P
High- and Low-Side, Gate-Drive IC
FAN7190 FAIRCHILD-FAN7190 Datasheet
232Kb / 12P
High-Current, High & Low-Side, Gate-Drive IC
FAN7390 FAIRCHILD-FAN7390_12 Datasheet
700Kb / 14P
High-Current, High & Low-Side, Gate-Drive IC
FAN7390A FAIRCHILD-FAN7390A Datasheet
1Mb / 12P
High-Current, High & Low-Side, Gate-Drive IC
FAN7391 FAIRCHILD-FAN7391 Datasheet
524Kb / 13P
High-Current, High & Low-Side, Gate-Drive IC
logo
ON Semiconductor
FAN7371 ONSEMI-FAN7371 Datasheet
1Mb / 13P
High-Current High-Side Gate Drive IC
Rev. 1.0.2
FAN7391 ONSEMI-FAN7391 Datasheet
1Mb / 15P
High-Current, High & Low-Side, Gate-Drive IC
July 2017 Rev. 2
FAN73901 ONSEMI-FAN73901 Datasheet
1Mb / 14P
High- and Low-Side, Gate-Drive IC
September 2013 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com